Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78P2351R Datasheet(PDF) 6 Page - Teridian Semiconductor Corporation

Part # 78P2351R
Description  Serial 155M NRZ to CMI Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78P2351R Datasheet(HTML) 6 Page - Teridian Semiconductor Corporation

Back Button 78P2351R Datasheet HTML 2Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 3Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 4Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 5Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 6Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 7Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 8Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 9Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 10Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
78P2351R
Serial 155M
NRZ to CMI Converter
Page: 6 of 31
2006 Teridian Semiconductor Corporation
Rev. 2.1
Pulse Amplitude Adjustment
Contact TDK applications for information on user
programmable registers with up to 200mV of
programmable transmit gain.
Transmit Backplane Equalizer
An optional fixed LVPECL equalizer is integrated in
the transmit path for architectures that use LIUs on
active interface cards.
The fixed equalizer can
compensate for up to 1.5m of trace and can be
enabled by the TXOUT1 pin or TXEQ bit as follows:
TXOUT1 pin
TXEQ bit
Tx Equalizer
Low
1
Enabled
Float
0
Disabled
POWER-DOWN FUNCTION
Power-down control is provided to allow the
78P2351R to be shut off.
Transmit and receive
power-down can be set independently through SW
control.
Global power-down is achieved by
powering down both the transmitter and receiver.
Note: the 4-wire serial port interface and
configuration registers are not affected by power-
down.
The transmitter can also be powered down using the
TXPD control pin. The CMI outputs are tri-stated
during
transmit
power-down
for
redundancy
applications.
The TXPD pin is active in both
hardware and software modes.
LOOPBACK MODES
In SW mode, LLBK and RLBK bits in the Signal
Control register are provided to activate the local
and remote analog loopback modes respectively.
In HW mode, the LPBK pin can be used to activate
local and remote analog loopback paths as shown in
the table below.
LPBK pin Loopback Mode
Low
Normal operation
Float
Remote (analog) Loopback:
Recovered receive clock and data
looped back directly to the transmit
driver. The CMI decoder and most of
transmit path is bypassed (including the
redundant Tx monitor output)
High
Local (analog) Loopback:
Transmit clock and data looped back to
receiver at the analog media interface.
TD +
TD -
RD +
RD -
CMI
ENDEC
CDR
Adaptive
Eq.
Fixed
Eq.
CDR
Line-side
Figure 3: Remote (analog) Loopback
TD +
TD -
RD +
RD -
CMI
ENDEC
CDR
Adaptive
Eq.
Fixed
Eq.
CDR
Figure 4: Local (analog) Loopback
In SW mode only, a Full Remote (digital) Loopback
bit FLBK is also available in the Advanced Tx
Control register. This loopback exercises the entire
Rx and Tx paths of the 78P2351 including the Tx
clock recovery unit. As such, the user must enable
either Plesiochronous or Loop-timing transmit modes
to utilize the Full Remote (digital) Loopback.
TD +
TD -
RD +
RD -
CMI
ENDEC
CDR
Adaptive
Eq.
Fixed
Eq.
CDR
Line-side
Figure 5: Remote (Digital) Loopback


Similar Part No. - 78P2351R

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2351 TERIDIAN-78P2351 Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGT TERIDIAN-78P2351-IGT Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGT/F TERIDIAN-78P2351-IGT/F Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGTR TERIDIAN-78P2351-IGTR Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
More results

Similar Description - 78P2351R

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC706LC3C HITTITE-HMC706LC3C Datasheet
530Kb / 8P
   13 Gbps, NRZ-to-RZ CONVERTER, 3.3V SUPPLY
logo
Analog Devices
HMC706LC3C AD-HMC706LC3C Datasheet
389Kb / 8P
   NRZ-to-RZ data type conversion
logo
Taiwan Memory Technolog...
I7230N TMT-I7230N Datasheet
85Kb / 1P
   i7230N 155M to 4.25Gbps LD Driver
logo
Asahi Kasei Microsystem...
AK2048D AKM-AK2048D Datasheet
88Kb / 16P
   2M CMI Transceiver
logo
Supertex, Inc
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
   64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
   PARALLEL-TO-SERIAL DATA CONVERTER
logo
ON Semiconductor
MC100SX1230 ONSEMI-MC100SX1230 Datasheet
124Kb / 8P
   CMI CODER/DECODER
1994 REV 0
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com