Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78P2344-IGT Datasheet(PDF) 3 Page - Teridian Semiconductor Corporation

Part # 78P2344-IGT
Description  4-port E3/DS3/STS-1 LIU with Jitter Attenuator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78P2344-IGT Datasheet(HTML) 3 Page - Teridian Semiconductor Corporation

  78P2344-IGT Datasheet HTML 1Page - Teridian Semiconductor Corporation 78P2344-IGT Datasheet HTML 2Page - Teridian Semiconductor Corporation 78P2344-IGT Datasheet HTML 3Page - Teridian Semiconductor Corporation 78P2344-IGT Datasheet HTML 4Page - Teridian Semiconductor Corporation 78P2344-IGT Datasheet HTML 5Page - Teridian Semiconductor Corporation 78P2344-IGT Datasheet HTML 6Page - Teridian Semiconductor Corporation 78P2344-IGT Datasheet HTML 7Page - Teridian Semiconductor Corporation 78P2344-IGT Datasheet HTML 8Page - Teridian Semiconductor Corporation 78P2344-IGT Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
78P2344JAT
4-port E3/DS3/STS-1 LIU
with Jitter Attenuator
Page 3 of 37
2005 Teridian Semiconductor Corporation
Rev 2.2
LOCAL LOOPBACK AND REDUNDANCY MUX
Each receiver has a 4-input MUX as shown in the
adjacent figure.
In multiport applications where
redundant channels are required, the receiver MUX
can
be
configured
to
provide
the
necessary
multiplexing functions. This allows the user to use
one port as a redundant monitor for the other port.
The tables below show the register settings for
selecting the desired receiver input source.
LLBKA
(Port 1)
LLBKB
(Port 1)
Receiver #1 Input
Source
0
0
LINP1/LINN1
0
1
LOUTP1/LOUTN1
1
0
LINP2/LINN2
1
1
LOUTP2/LOUTN2
LLBKA
(Port 2)
LLBKB
(Port 2)
Receiver #2 Input
Source
0
0
LINP2/LINN2
0
1
LOUTP2/LOUTN2
1
0
LINP1/LINN1
1
1
LOUTP1/LOUTN1
LLBKA
(Port 3)
LLBKB
(Port 3)
Receiver #3 Input
Source
0
0
LINP3/LINN3
0
1
LOUTP3/LOUTN3
1
0
LINP4/LINN4
1
1
LOUTP4/LOUTN4
LLBKA
(Port 4)
LLBKB
(Port 4)
Receiver #4 Input
Source
0
0
LINP4/LINN4
0
1
LOUTP4/LOUTN4
1
0
LINP3/LINN3
1
1
LOUTP3/LOUTN3
Note: The LLBKA and LLBKB bits are located in the
Mode Control Register (MDCR).
The Register
Control bit, REGEN, should be enabled when using
the register settings to avoid conflict with external
loopback setting pins.
Transmitter
#1
Receiver
#1
00
01
10
11
Transmitter
#2
Receiver
#2
00
01
10
11
Transmitter
#3
Receiver
#3
00
01
10
11
Transmitter
#4
Receiver
#4
00
01
10
11
LOUTP1, LOUTN1
LINP1, LINN1
LOUTP2, LOUTN2
LINP2, LINN2
LOUTP3, LOUTN3
LINP3, LINN3
LOUTP4, LOUTN4
LINP4, LINN4
LLBKA,B(1)
LLBKA,B(2)
LLBKA,B(3)
LLBKA,B(4)
When serial interface control is not available, the
respective LPBKx pin for each of the channels can
also be used to activate local loopback mode as
shown below. Note that redundant channel modes
can only be activated using the serial interface.
LPBKx
pin
Loopback Mode
L
Normal Operation
Same as LLBKA,B = ‘00’
Z
Remote (Digital) Loopback
Same as RLBK = ‘1’
H
Local (Analog) Loopback
Same as LLBKA,B = ‘01’


Similar Part No. - 78P2344-IGT

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2342-IGT TERIDIAN-78P2342-IGT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342-IGT/A07 TERIDIAN-78P2342-IGT/A07 Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342JAT TERIDIAN-78P2342JAT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342JAT-IGT TERIDIAN-78P2342JAT-IGT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342JAT-IGT/A07 TERIDIAN-78P2342JAT-IGT/A07 Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
More results

Similar Description - 78P2344-IGT

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2342JAT TERIDIAN-78P2342JAT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2343JAT TERIDIAN-78P2343JAT Datasheet
351Kb / 37P
   3-port E3/DS3/STS-1 LIU with Jitter Attenuator
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A Datasheet
29Kb / 1P
   12-Port DS3/E3/STS-1 Digital Jitter Attenuator
logo
Exar Corporation
XRT71D04 EXAR-XRT71D04 Datasheet
264Kb / 22P
   4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT71D03 EXAR-XRT71D03 Datasheet
246Kb / 24P
   3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com