Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78P2343JAT-IEL Datasheet(PDF) 1 Page - Teridian Semiconductor Corporation

Part # 78P2343JAT-IEL
Description  3-port E3/DS3/STS-1 LIU with Jitter Attenuator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78P2343JAT-IEL Datasheet(HTML) 1 Page - Teridian Semiconductor Corporation

  78P2343JAT-IEL Datasheet HTML 1Page - Teridian Semiconductor Corporation 78P2343JAT-IEL Datasheet HTML 2Page - Teridian Semiconductor Corporation 78P2343JAT-IEL Datasheet HTML 3Page - Teridian Semiconductor Corporation 78P2343JAT-IEL Datasheet HTML 4Page - Teridian Semiconductor Corporation 78P2343JAT-IEL Datasheet HTML 5Page - Teridian Semiconductor Corporation 78P2343JAT-IEL Datasheet HTML 6Page - Teridian Semiconductor Corporation 78P2343JAT-IEL Datasheet HTML 7Page - Teridian Semiconductor Corporation 78P2343JAT-IEL Datasheet HTML 8Page - Teridian Semiconductor Corporation 78P2343JAT-IEL Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
78P2343JAT
3-port E3/DS3/STS-1 LIU
with Jitter Attenuator
DATA SHEET
Page 1 of 37
2005 Teridian Semiconductor Corporation
Rev 2.2
JULY 2005
DESCRIPTION
The
78P2343JAT
is
a
low-power,
3-port
DS3/E3/STS1
Line
Interface
Unit
(LIU)
with
integrated Jitter Attenuator (JAT). It includes all the
required
clock
recovery
and
transmitter
pulse
shaping functions for applications using 75-ohm
coaxial cable at distances up to 1350 feet. These
applications
include
DSLAMs,
T1,3/E1,3
digital
multiplexers, SONET Add/Drop multiplexers, PDH
equipment, DS3 to Fiber optic and microwave
modems and ATM WAN access for routers and
switches.
The receiver recovers clock and data from a B3ZS
or HDB3 coded AMI signal. It can compensate for
over 12dB of cable and 6dB of flat loss. The
transmitter generates a signal that meets the
standard
pulse
shape
requirements.
The
78P2343JAT includes optional B3ZS/HDB3 ENDEC
with a receive line code violation detector, loop-back
modes, Loss of Signal detector, clock polarity
selection, and the ability to receive a DSX3 monitor
signal.
STANDARDS
Telcordia GR-499-CORE and GR-253-CORE
ITU-T G.823, G.824, G.775, and G.703
ETSI TBR-24, ETS 300 686, ETS 300 687, and
ETS EN 300 689
ANSI T1.102-1993, T1.231-1997, T1.404-1994,
and T1.105.03b
FEATURES
Transmit and receive interfaces for E3, DS3 and
STS-1 applications
Designed for use with 75 ohm coaxial cable
lengths up to 1350 ft
Receives DS3-high and DSX3 monitor signals
Local and Remote loopbacks
Selectable B3ZS/HDB3 ENDEC with line code
violation detector
Standards-based LOS detector
Optional serial-port based mode selection and
channel status monitoring
Adaptive digital clock recovery (uses line-rate
reference clock input)
Receive output clock maintains nominal line-rate
frequency at all times
Fully
integrated
Jitter
Attenuation
function
provided for all line rates (no external VCXO
required)
Jitter Attenuator configurable for transmit or
receive path
Transmit line fault monitor
Requires no external current-setting resistor or
loop filter components
Single 3.3V supply operation
Standard and exposed pad 100-pin JEDEC
LQFP package options available
BLOCK DIAGRAM
LINN
LINP
LOUTN
LOUTP
TPOS
TNEG
TCLK
RCLK
RPOS
RNEG
DS3
TXEN
LLBKA
LLBKB
RLBK
PDTX
ENDEC
Signals from
Adjacent Port
TXNW
Control
Registers
CS
SCK
SDI
SDO
E3
LBO
Master
Bias
Generator
CKREF
Each Channel
CKREF
LOS
MON
Attenuator
Power
Distribution
B3ZS /
HDB3
Encoder
Data
Detector
B3ZS /
HDB3
Decoder
Adaptive
Equalizer
Signal
Detector
Transmit
Monitor
Pulse
Shaper
Controls
Jitter
Attenuator
Flags
TCLKP
RCLKP
Clock
Recovery
AGC
PDRX


Similar Part No. - 78P2343JAT-IEL

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2342-IGT TERIDIAN-78P2342-IGT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342-IGT/A07 TERIDIAN-78P2342-IGT/A07 Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342JAT TERIDIAN-78P2342JAT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342JAT-IGT TERIDIAN-78P2342JAT-IGT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342JAT-IGT/A07 TERIDIAN-78P2342JAT-IGT/A07 Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
More results

Similar Description - 78P2343JAT-IEL

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2344JAT TERIDIAN-78P2344JAT Datasheet
353Kb / 37P
   4-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342JAT TERIDIAN-78P2342JAT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D03 EXAR-XRT71D03 Datasheet
246Kb / 24P
   3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A Datasheet
29Kb / 1P
   12-Port DS3/E3/STS-1 Digital Jitter Attenuator
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT71D04 EXAR-XRT71D04 Datasheet
264Kb / 22P
   4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com