Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73S1217F Datasheet(PDF) 8 Page - Teridian Semiconductor Corporation

Part # 73S1217F
Description  Bus-Powered 80515 System-on-Chip with USB, ISO 7816 / EMV, PINpad and More
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S1217F Datasheet(HTML) 8 Page - Teridian Semiconductor Corporation

Back Button 73S1217F Datasheet HTML 4Page - Teridian Semiconductor Corporation 73S1217F Datasheet HTML 5Page - Teridian Semiconductor Corporation 73S1217F Datasheet HTML 6Page - Teridian Semiconductor Corporation 73S1217F Datasheet HTML 7Page - Teridian Semiconductor Corporation 73S1217F Datasheet HTML 8Page - Teridian Semiconductor Corporation 73S1217F Datasheet HTML 9Page - Teridian Semiconductor Corporation 73S1217F Datasheet HTML 10Page - Teridian Semiconductor Corporation 73S1217F Datasheet HTML 11Page - Teridian Semiconductor Corporation 73S1217F Datasheet HTML 12Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 140 page
background image
73S1217F Data Sheet
DS_1217F_002
1 Hardware Description
1.1 Pin Description
Table 1: 73S1217 Pinout Description
Pin Name
Description
X12IN
10
I
Figure 29
MPU/USB clock crystal oscillator input pin. A 12MHz crystal
is required for USB operation. A 1MΩ resistor is required
between pins X12IN and X12OUT.
X12OUT
11
O
Figure 29
MPU/USB clock crystal oscillator output pin.
X32IN
8
I
Figure 30
RTC clock crystal oscillator input pin. A 32768Hz crystal is
required for low-power RTC operation.
X32OUT
7
O
Figure 30
RTC clock crystal oscillator output pin.
DP
26
IO
Figure 45
USB D+ IO pin, requires series 24Ω resistor.
DM
27
IO
Figure 45
USB D- IO pin, requires series 24Ω resistor.
ROW(5:0) 0
1
2
3
4
5
21
22
24
33
36
37
I
Figure 37
Keypad row input sense.
COL(4:0) 0
1
2
3
4
12
13
14
16
19
O
Figure 38
Keypad column output scan pins.
USR(7:0) 0
1
2
3
4
5
6
7
35
34
32
31
30
29
23
20
IO
Figure 33
General-purpose user pins, individually configurable as
inputs or outputs or as external input interrupt ports.
SCL
5
O
Figure 32
I
2C (master mode) compatible Clock signal. Note: the pin is
configured as an open drain output. When the I2C interface
is being used, an external pull up resistor is required. A
value of 3K is recommended.
SDA
6
IO
Figure 31
I
2C (master mode) compatible data I/O. Note: this pin is
bi-directional. When the pin is configured as output, it is an
open drain output. When the I2C interface is being used, an
external pull up resistor is required. A value of 3K is
recommended.
RXD
17
I
Figure 35
Serial UART Receive data pin.
TXD
18
O
Figure 32
Serial UART Transmit data pin.
8
Rev. 1.2


Similar Part No. - 73S1217F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
73S1217F MAXIM-73S1217F Datasheet
1Mb / 140P
   Bus-Powered 80515 System-on-Chip with USB, ISO 7816 / EMV, PINpad and More
December 2008
More results

Similar Description - 73S1217F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
73S1217F MAXIM-73S1217F Datasheet
1Mb / 140P
   Bus-Powered 80515 System-on-Chip with USB, ISO 7816 / EMV, PINpad and More
December 2008
logo
Teridian Semiconductor ...
73S1215F TERIDIAN-73S1215F Datasheet
1Mb / 136P
   80515 System-on-Chip with USB, ISO 7816 / EMV, PINpad and More
logo
ATMEL Corporation
AT83C22OK ATMEL-AT83C22OK Datasheet
30Kb / 4P
   Smart Card Interface Compliant with ISO 7816 and EMV 2000
logo
Teridian Semiconductor ...
73S8009CN TERIDIAN-73S8009CN Datasheet
355Kb / 30P
   Combo ISO-7816 and USB Universal Smart Card Interface IC
logo
ATMEL Corporation
AT43312A ATMEL-AT43312A_06 Datasheet
325Kb / 28P
   Self- and Bus-Bus-powered USB Hub Controller
logo
National Instruments Co...
NIUSB-5132 NI-NIUSB-5132 Datasheet
188Kb / 8P
   Bus-Powered USB Digitizers
logo
Holtek Semiconductor In...
HT56RB27 HOLTEK-HT56RB27 Datasheet
938Kb / 153P
   TinyPowerTM A/D Type Smart Card OTP MCU with DAC, ISO 7816 and USB Interfaces
logo
ATMEL Corporation
AT43312 ATMEL-AT43312 Datasheet
157Kb / 21P
   Self- and Bus- Powered USB Hub Controller
logo
Holtek Semiconductor In...
HT56RB688 HOLTEK-HT56RB688 Datasheet
964Kb / 164P
   TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
HT56RB688 HOLTEK-HT56RB688_13 Datasheet
984Kb / 164P
   TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com