Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THFF150Y-75FYB Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # THFF150Y-75FYB
Description  HIGH FREQUENCY FLANGED TERMINATOR - Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

THFF150Y-75FYB Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  THFF150Y-75FYB Datasheet HTML 1Page - American Accurate Components, Inc. THFF150Y-75FYB Datasheet HTML 2Page - American Accurate Components, Inc. THFF150Y-75FYB Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
American Accurate Components, Inc.
HIGH FREQUENCY FLANGED TERMINATOR – Surface Mount
The content of this specification may change without notification 7/18/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
HOW TO ORDER
THFF 10 X - 50 F Y M
Packaging
M = tape/reel
B = bulk
TCR
Y = 50ppm/°C
Tolerance
(%)
F= +1%
G= +2%
J= +5%
Resistance
(
Ω)
50, 75, 100
special order: 150, 200, 250, 300
Lead Style
(THFF10, THFF40 only)
X = Side
Y = Top
Z = Bottom
Rated Power W
10= 10 W
100 = 100 W
40 = 40 W
150 = 150 W
50 = 50 W
250 = 250 W
Series
High Frequency Flanged Surface
Mount Terminator
DERATING CURVE
% Rated Power
Flange Temperature (°C)
ELECTRICAL DATA
THFF10
THFF40
THFF50
THFF100
THFF120
THFF150
THFF250
Power Rating
10 W
40 W
50 W
100 W
120 W
150 W
250 W
Capacitance
< 0.5pF
< 0.5pF
< 1.0pF
< 1.0pF
< 1.0pF
< 1.0pF
< 1.0pF
Rated Voltage
√P X R, where P is Power Rating and R is Resistance
Absolute TCR
±50ppm/°C
Frequency Range
DC to 3GHz
Tolerance
±1%, ±2%, ±5%
Operating/Rated Temp Range
-55°C ~ +155°C
VSWR
< 1.1
Resistance
Standard: 50
Ω, 75Ω, 100Ω
Special Order: 150
Ω, 200Ω, 250Ω, 300Ω
Short Time Overload
5 times the rated power within 5 seconds
FEATURES
Low return loss
High power dissipation from 10W up to 250W
Long life, temperature stable thin film technology
Utilizes the combined benefits flange cooling and the
high thermal conductivity of aluminum nitride (AIN)
Single-sided or double-sided flanges
Single leaded terminal configurations, adding increased
RF design flexibility
APPLICATIONS
Industrial RF power Sources
Wireless Communication
Fixed transmitters for mobile systems & measurement
Power Amplifiers
Satellites
Aerospace


Similar Part No. - THFF150Y-75FYB

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF106K035P1F CDE-THF106K035P1F Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF106K050P1F CDE-THF106K050P1F Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF107K010P1F CDE-THF107K010P1F Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF107K020P1G CDE-THF107K020P1G Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results

Similar Description - THFF150Y-75FYB

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-RFTF10-C50OHMF IRCTT-HFR-RFTF10-C50OHMF Datasheet
531Kb / 4P
   High Frequency Surface Mount Terminator
HFR-RFA53SDLF-1GZ00 IRCTT-HFR-RFA53SDLF-1GZ00 Datasheet
619Kb / 4P
   High Frequency Surface Mount Attenuators
logo
Vishay Siliconix
IMC1008ERR15J VISHAY-IMC1008ERR15J Datasheet
105Kb / 3P
   High Frequency, Surface Mount Inductors
Revision: 10-Aug-06
IMC-1008 VISHAY-IMC-1008_17 Datasheet
104Kb / 3P
   High Frequency, Surface Mount Inductors
Revision: 08-Jan-15
IMC-0805 VISHAY-IMC-0805 Datasheet
63Kb / 1P
   High Frequency, Surface Mount, Molded
Revision 10-Sep-03
logo
IRC - a TT electronics ...
HFR-PCH1632LF IRCTT-HFR-PCH1632LF Datasheet
380Kb / 2P
   High Frequency Surface Mount Attenuators
HFR-RFH52LF-C50OHMF IRCTT-HFR-RFH52LF-C50OHMF Datasheet
492Kb / 3P
   High Frequency Surface Mount Terminators
HFR-PAT1220-C-0-T IRCTT-HFR-PAT1220-C-0-T Datasheet
259Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT3042WLF-50R0-0A IRCTT-HFR-PAT3042WLF-50R0-0A Datasheet
358Kb / 2P
   High Frequency Surface Mount Attenuators
logo
Vishay Siliconix
IMC-1008 VISHAY-IMC-1008_V01 Datasheet
87Kb / 3P
   High Frequency, Surface Mount Inductors
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com