Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6511-IGTR Datasheet(PDF) 4 Page - Teridian Semiconductor Corporation

Part # 71M6511-IGTR
Description  Single-Phase Energy Meter IC
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6511-IGTR Datasheet(HTML) 4 Page - Teridian Semiconductor Corporation

  71M6511-IGTR Datasheet HTML 1Page - Teridian Semiconductor Corporation 71M6511-IGTR Datasheet HTML 2Page - Teridian Semiconductor Corporation 71M6511-IGTR Datasheet HTML 3Page - Teridian Semiconductor Corporation 71M6511-IGTR Datasheet HTML 4Page - Teridian Semiconductor Corporation 71M6511-IGTR Datasheet HTML 5Page - Teridian Semiconductor Corporation 71M6511-IGTR Datasheet HTML 6Page - Teridian Semiconductor Corporation 71M6511-IGTR Datasheet HTML 7Page - Teridian Semiconductor Corporation 71M6511-IGTR Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6511-IGTR Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
71M6511/71M6511H
Single-Phase Energy Meter IC
DATA SHEET
AUGUST 2007
Page: 4 of 95
© 2005-2007 TERIDIAN Semiconductor Corporation
V2.6
SPECIFICATIONS ....................................................................................................................................................... 83
Electrical Specifications ................................................................................................................................. 83
LOGIC LEVELS............................................................................................................................... 84
VREF, VBIAS .................................................................................................................................. 86
CRYSTAL OSCILLATOR ................................................................................................................ 86
LCD BOOST.................................................................................................................................... 88
LCD DRIVERS ................................................................................................................................ 88
RTC ................................................................................................................................................. 88
RESETZ .......................................................................................................................................... 88
COMPARATORS ............................................................................................................................ 88
RAM AND FLASH MEMORY .......................................................................................................... 89
FLASH MEMORY TIMING .............................................................................................................. 89
EEPROM INTERFACE.................................................................................................................... 89
Recommended External Components ........................................................................................................... 89
Packaging Information ................................................................................................................................... 90
Pinout (Top View) ............................................................................................................................ 91
Pin Descriptions............................................................................................................................... 92
I/O Equivalent Circuits: .................................................................................................................... 94
ORDERING INFORMATION ......................................................................................................................... 95
Figures
Figure 1: IC Functional Block Diagram ............................................................................................................7
Figure 2: General Topology of a Chopped Amplifier ......................................................................................10
Figure 3: AFE Block Diagram ........................................................................................................................11
Figure 4: Samples in Multiplexer Cycle..........................................................................................................13
Figure 5: Accumulation Interval......................................................................................................................13
Figure 6: Memory Map...................................................................................................................................15
Figure 7: Interrupt Structure...........................................................................................................................35
Figure 8: DIO Ports Block Diagram................................................................................................................36
Figure 9: Oscillator Circuit..............................................................................................................................39
Figure 10: LCD Voltage Boost Circuitry .........................................................................................................40
Figure 11: Voltage Range for V1....................................................................................................................42
Figure 12: Voltage. Current, Momentary and Accumulated Energy ...............................................................46
Figure 13: Timing Relationship between ADC MUX, CE, and Serial Transfers .............................................47
Figure 14: RTM Output Format......................................................................................................................48
Figure 15: SSI Timing, (SSI_FPOL = SSI_RDYPOL = 0) ..............................................................................48
Figure 16: SSI Timing, 16-bit Field Example (External Device Delays SRDY)...............................................48
Figure 17: MPU/CE Data Flow.......................................................................................................................49
Figure 18: MPU/CE Communication (Functional) ..........................................................................................50
Figure 19: MPU/CE Communication (Processing Sequence) ........................................................................50
Figure 20: Timing Diagram for Voltages, Current and Operation Modes after Power-Up ..............................51
Figure 21: Chop Polarity w/ Automatic Chopping...........................................................................................53
Figure 22: Sequence with Alternate Multiplexer Cycles .................................................................................53
Figure 23: Sequence with Alternate Multiplexer Cycles and Controlled Chopping.........................................54
Figure 24: Wh Accuracy, 0.3A - 200A/240V ..................................................................................................74
Figure 25: VARh Accuracy for 0.3A to 200A/240V Performance ...................................................................74
Figure 26: 71M6511H Wh Accuracy over Current at Various Temperatures .................................................74


Similar Part No. - 71M6511-IGTR

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6511-IGT TERIDIAN-71M6511-IGT Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
More results

Similar Description - 71M6511-IGTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6533 BELLING-BL6533 Datasheet
298Kb / 10P
   Single Phase, LCD, Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6502A BELLING-BL6502A Datasheet
461Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0921 BELLING-BL0921 Datasheet
442Kb / 13P
   Single Phase Energy Meter IC with Integrated Oscillator
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com