Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6521BE Datasheet(PDF) 9 Page - Teridian Semiconductor Corporation

Part # 71M6521BE
Description  Energy Meter IC
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6521BE Datasheet(HTML) 9 Page - Teridian Semiconductor Corporation

Back Button 71M6521BE Datasheet HTML 5Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 6Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 7Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 9Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 10Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 11Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 12Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 13Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
71M6521BE
Energy Meter IC
DATA SHEET
JANUARY 2008
V1.0
© 2005-2008 TERIDIAN Semiconductor Corporation
Page: 9 of 97
HARDWARE DESCRIPTION
Hardware Overview
The TERIDIAN 71M6521BE single-chip energy meter integrates all primary functional blocks required to implement a solid-
state electricity meter. Included on chip are an analog front end (AFE), an independent digital computation engine (CE), an
8051-compatible microprocessor (MPU) which executes one instruction per clock cycle (80515), a voltage reference, a
temperature sensor, LCD drivers, RAM, Flash memory, and a variety of I/O pins. Various current sensor technologies are
supported including Current Transformers (CT) and Resistive Shunts.
In a typical application, the 32-bit compute engine (CE) of the 71M6521BE sequentially processes the samples from the
voltage inputs on pins IA, VA, IB, VB
1 and performs calculations to measure active energy (Wh). This measurement is then
accessed by the MPU, processed further and output using the peripheral devices available to the MPU.
Measurements can be displayed on 3.3V LCD commonly used in low temperature environments. Flexible mapping of LCD
display segments will facilitate integration of existing custom LCD. Design trade-off between the number of LCD segments vs.
DIO pins can be implemented in software to accommodate various requirements.
The on-chip digital temperature compensation mechanism includes a temperature sensor and associated controls for
correction of unwanted temperature effects on measurement. Temperature dependent external components such as crystal
oscillator, current sensors, and their corresponding signal conditioning circuits can be characterized and their correction factors
can be programmed to produce electricity meters with exceptional accuracy over the industrial temperature range.
One of the two internal UARTs is adapted to support an Infrared LED with internal drive and sense configuration, and can also
function as a standard UART. The optical output can be modulated at 38kHz. This flexibility makes it possible to implement
AMR meters with an IR interface. A block diagram of the IC is shown in Figure 1. A detailed description of various functional
blocks follows.
Analog Front End (AFE)
The AFE of the 71M6521BE is comprised of an input multiplexer, a delta-sigma A/D converter and a voltage reference.
Input Multiplexer
The input multiplexer supports up to four input signals that are applied to pins IA, VA, IB and VB
1 of the device. Additionally,
using the alternate multiplexer selection, it has the ability to select temperature and the battery voltage. The multiplexer can be
operated in two modes:
During a normal multiplexer cycle, the signals from the IA, IB, VA, and VB pins are selected.
During the alternate (ALT) multiplexer cycle, the temperature signal (TEMP) and the battery monitor are selected,
along with the signal sources shown in Table 1. To prevent unnecessary drainage on the battery, the battery monitor
is enabled only with the BME bit (0x2020[6]) in the I/O RAM.
The alternate multiplexer cycles are usually performed infrequently (e. g. every second or so) by the MPU. In order to prevent
disruption of the voltage tracking PLL and voltage allpass networks, VA is not replaced in the ALT multiplexer selections.
Missing samples due to an ALT multiplexer sequence are filled in by the CE.
Regular MUX Sequence
ALT MUX Sequence
Mux State
Mux State
EQU
0
1
2
3
0
1
2
3
0
IA
VA
IB
VB
TEMP
VA
IB
VBAT
Table 1: Inputs Selected in Regular and Alternate Multiplexer Cycles
1: VB is available, but not used in typical 1-phase, 2-wire meters


Similar Part No. - 71M6521BE

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6521DE MAXIM-71M6521DE Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
71M6521DE MAXIM-71M6521DE Datasheet
2Mb / 107P
   Energy Meter ICs
2012
logo
Teridian Semiconductor ...
71M6521DE-IGT/F TERIDIAN-71M6521DE-IGT/F Datasheet
1Mb / 101P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6521DE-IGT/F MAXIM-71M6521DE-IGT/F Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
More results

Similar Description - 71M6521BE

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
71M6515H TERIDIAN-71M6515H Datasheet
674Kb / 57P
   Energy Meter IC
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 115P
   Energy Meter IC
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com