Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRXZ-01RD10 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # VRXZ-01RD10
Description  ISOLATED DC/DC CONVERTERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRXZ-01RD10 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  VRXZ-01RD10 Datasheet HTML 1Page - Bel Fuse Inc. VRXZ-01RD10 Datasheet HTML 2Page - Bel Fuse Inc. VRXZ-01RD10 Datasheet HTML 3Page - Bel Fuse Inc. VRXZ-01RD10 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
24 Vdc Input
22.5 Vdc/28 mA or 27 Vdc/25 mA Dual Outputs
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
VO=22.5 V
VO=27 V
22.5 V
26 V
-
-
24 V
27 V
Vin=24 V, Iout=full load, Ta=25
°C
Load Regulation
VO=22.5 V
VO=27 V
-
-
0.7 V
0.7 V
1 V
1 V
Vin=24 V,
for Vo=22.5 V, Iout=6 mA - 28 mA;
for Vo=27 V, Iout=4 mA - 25 mA
Regulation Over Temperature
(0
°C to 70 °C)
-
0.2 V
0.5 V
For both outputs
Output Current
VO=22.5 V
VO=27 V
0 mA
0 mA
-
-
28 mA
25 mA
Ripple and Noise (rms)
-
14 mV
25 mV
Ripple and Noise (pk-pk)
-
55 mV
120 mV
0 - 20 MHz Bandwidth with 0.1 uF
ceramic capacitor at output
Overshoot at Turn on
-
0%
3%
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
VO=22.5 V
VO=27 V
80%
80%
82%
82%
-
-
Vin=24 V, IO= IO-max, at full load and
Ta=25
°C
Switching Frequency
-
190 kHz
-
Isolation
-
-
2000 V
MTBF
3,000,000 hours
Calculated Per Bell Core SR-332 (IO =
Nominal; Ta = 25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
0.9 x 0.338 x 0.4
22.86 x 8.59 x 10.16
Weight
-
2.5 g
-
Thermal Derating Curve


Similar Part No. - VRXZ-01RD10

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
VRX2008R TRIPPLITE-VRX2008R Datasheet
518Kb / 2P
   1000 Watt Voltage Regulator - Automatic voltage
logo
CUI INC
VRX3-DIP CUI-VRX3-DIP Datasheet
307Kb / 5P
   DC-DC CONVERTER
logo
Bel Fuse Inc.
VRXE-18AS10 BEL-VRXE-18AS10 Datasheet
125Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRXZ-01RD10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com