Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRBC-16E2AL Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRBC-16E2AL
Description  NON-ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBC-16E2AL Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRBC-16E2AL Datasheet HTML 1Page - Bel Fuse Inc. VRBC-16E2AL Datasheet HTML 2Page - Bel Fuse Inc. VRBC-16E2AL Datasheet HTML 3Page - Bel Fuse Inc. VRBC-16E2AL Datasheet HTML 4Page - Bel Fuse Inc. VRBC-16E2AL Datasheet HTML 5Page - Bel Fuse Inc. VRBC-16E2AL Datasheet HTML 6Page - Bel Fuse Inc. VRBC-16E2AL Datasheet HTML 7Page - Bel Fuse Inc. VRBC-16E2AL Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 14 Vdc Input
0.75 Vdc - 3.63 Vdc/16 A Output
Non-Isolated
Under-Voltage Lockout (UVLO)
High Efficiency
Over Temperature ShutDown
Fixed Frequency
OCP/SCP
Low Cost
Remote Sense
Wide Trim
Flexible Output Voltage
Sequencing (option)
Remote On/Off
Industrial Temperature Range
(option)
Wide Input
Active Low/High (Option)
Description
The Bel VRBC-16E2Ax is part of the non-isolated dc/dc converter series. The modules use a SIP package.
These converters are available in a range of output voltages from 0.75 Vdc to 3.63 Vdc over a wide range of
input voltage (Vin = 4.5 Vdc -14 Vdc). The Bel VRBC-16E2Ax has a sequencing feature that enables designers to
implement various types of output voltage sequencing when powering. The efficiency is typically 93.5% at 3.3
Vdc output and 5 Vdc input at full load.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
Model Number
Active High
0.75 V - 3.63 V
4.5 V - 14 V
16 A
58 W
93.5%
VRBC-16E2AL
VRBC-16E2A0
Notes
: 1. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
2. Add “G” suffix at the end of the model number to indicate Tray Packaging.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
15 V
Output Enable Terminal Voltage
-0.3 V
-
15 V
Sequencing Voltage
1
-0.3 V
-
Vin
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Notes
: All specifications are typical at 25 °C unless otherwise stated.
1. VRBC-16E2Ax series of modules include a sequencing feature that enables users to implement
various types of output voltage sequencing in their applications. This is accomplished via an additional
sequencing pin. When not using the sequencing feature, either, tie the SEQ pin to Vin or leave it
unconnected.
VRBC-16E2Ax
RoHS Compliant
Rev.A


Similar Part No. - VRBC-16E2AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRBC-16E1A0 BEL-VRBC-16E1A0 Datasheet
214Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-16E1AL BEL-VRBC-16E1AL Datasheet
214Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-16E1AX BEL-VRBC-16E1AX Datasheet
214Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRBC-16E2AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com