Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDF4553 Datasheet(PDF) 11 Page - Shoulder Electronics Limited.

Part # HDF4553
Description  SAW FILTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF4553 Datasheet(HTML) 11 Page - Shoulder Electronics Limited.

Back Button HDF4553 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF4553 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF4553 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF4553 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF4553 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF4553 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF4553 Datasheet HTML 9Page - Shoulder Electronics Limited. HDF4553 Datasheet HTML 10Page - Shoulder Electronics Limited. HDF4553 Datasheet HTML 11Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SAW FILTER
HD
F4553
www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn
Page 11 of 11
[Figure 2]
[Unit:mm]
A
B
C
D
E
W
t
r
Ø
330
±
1.0
Ø
100
±0.5
Ø
13
±0.5
Ø
21
±0.8
2
±0.5
13
±0.3
3
max.
1.0
max.


Similar Part No. - HDF4553

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF4552 SHOULDER-HDF4552 Datasheet
332Kb / 13P
   SAW FILTER
HDF455A1S4 SHOULDER-HDF455A1S4 Datasheet
158Kb / 8P
   This specification shall cover the characteristics of SAW filter With F455A1 used for the page
HDF455EF11 SHOULDER-HDF455EF11 Datasheet
108Kb / 5P
   This specification shall cover the characteristics of SAW filter With F455E used for the page
More results

Similar Description - HDF4553

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com