Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

33902 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33902 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33902
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 6. Propagation Delays TXD to CAN and CAN to RXD
Figure 7. Test Circuit for Timing Characteristics
TXD
VDIFF
0.3 VIO
0.9 V
tTRD
0.7 VIO
0.5V
tTDR
RXD
tRRD
tRDR
0.3 VIO
0.7 VIO
VSUP
12 V
VIO
CANL
33902
2.2 µF
10 µF
SPLIT
GND
TXD
RXD
Signal generator
All pins are not shown
RBUS
15 pF
CBUS
100 pF
60
Ω
100 nF
VDD
CANH
EN
STBY
5.0 V
100 nF
5.0 V


Similar Part No. - 33902

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3390 ALLEGRO-3390 Datasheet
261Kb / 3P
   OPTOELECTRONIC SWITCH - TWILIGHT SENSOR
logo
ASM GmbH
3390 ASM-SENSOR-3390 Datasheet
3Mb / 16P
   POWER ANALYZER
logo
List of Unclassifed Man...
3390 ETC-3390 Datasheet
100Kb / 1P
   Heyco짰 Nylon Cable Clamps
logo
Heyco.
3390 HEYCO-3390 Datasheet
84Kb / 1P
   Nylon Cable Clamps
logo
Sumida Corporation
3390-T144 SUMIDA-3390-T144 Datasheet
125Kb / 1P
   General Power Transformer < Pin Type: EI Series>
More results

Similar Description - 33902

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
   High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
Freescale Semiconductor...
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
ams AG
AS8650 AMSCO-AS8650 Datasheet
1Mb / 46P
   High-efficient Power Management Device with High-speed CAN Interface
AS8650B AMSCO-AS8650B Datasheet
589Kb / 47P
   High-efficient Power Management Device with High-speed CAN Interface
logo
Freescale Semiconductor...
33903 FREESCALE-33903 Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
33903 NXP-33903 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com