Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDF1220A2 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF1220A2
Description  SAW FILTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF1220A2 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF1220A2 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF1220A2 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF1220A2 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF1220A2 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF1220A2 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF1220A2 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF1220A2 Datasheet HTML 7Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4. DIMENSION
5. ENVIRONMENTAL CHARACTERISTICS
5-1 Temperature cycling
Subject the device to a low temperature of -45℃for 30 minutes. Following by a
high temperature of +25℃ for 5 Minutes and a higher temperature of +85℃ for 30
Minutes. Then release the device into the room conditions for 1 to 2 hours prior to the
measurement. It shall meet the
specifications in table 1.
5-2 Resistance to solder heat
Submerge the device terminals into the solder bath at 260℃ ±5℃ for 10±1
sec. Then release the device into the room conditions for 4 hours. It shall meet the
specifications in table 1.
5-3 Solderability
Submerge the device terminals into the solder bath at 245℃ ±5℃ for 5s, More
than 95% area of the soldering pad must be covered with new solder. It shall meet the
specifications in table 1.
5-4 Mechanical shock
Drop the device randomly onto the concrete floor from the height of 1 m 3 times.
the filter shall fulfill the specifications in table 1.
5-5 Vibration
Subject the device to the vibration for 2 hour each in x,y and z axes with the
amplitude of 1.5 mm at 10 to 55 hz. The filter shall fulfill the specifications in
table 1.
6. REMARK
6.1 Static voltage
Static voltage between signal load & ground may cause deterioration &destruction
of the component. Please avoid static voltage.
6.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the
component.
Please avoid ultrasonic cleaning
6.3 Soldering
Http://www.shoulder.cn
SHOULDER ELECTRONICS LIMITED
Page: 4


Similar Part No. - HDF1220A2

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF1220A2S7 SHOULDER-HDF1220A2S7 Datasheet
180Kb / 8P
   This specification shall cover the characteristics of SAW filter With F1220A2S7 used digital
More results

Similar Description - HDF1220A2

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com