Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRND-40A160 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # GRND-40A160
Description  NON-ISOLATED DC/DC CONVERTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

GRND-40A160 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  GRND-40A160 Datasheet HTML 1Page - Bel Fuse Inc. GRND-40A160 Datasheet HTML 2Page - Bel Fuse Inc. GRND-40A160 Datasheet HTML 3Page - Bel Fuse Inc. GRND-40A160 Datasheet HTML 4Page - Bel Fuse Inc. GRND-40A160 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
12V Input / Programmable Output / VRM11 Compatible
Signal Definitions
Symbol
Definitions
VIN
Input power to the converter
GND
Common return for both input and output
VID0, VID1,
VID2, VID3,
VID4, VID5
VID6
Logic level inputs used to set the output voltage, refer to VID table. Connect VID0 thru
VID6 pins to open-drain outputs with external pull-up resistors. Valid logic low is -0.3V to
0.4V, valid logic high level is 0.8V to 5.5V.
VIDSEL
Digital input used to select between extended VR10 and VR11 VID tables.
PWRGD
The open drain power good signal indicates the output voltage is within 10% of the VID
setpoint.
+SENSE
-SENSE
Remote voltage sense lines. Connect these at the point of load, to VOUT and GND
respectively.
VOUT
Output voltage available to the load.
OUTEN
Logic level input used to enable the converter when high. Valid logic low is -0.3V to 0.4V,
valid logic high level is 0.8V to 5.5V.
LL0/LL1
Load line select pins. Working in conjunction with VID_Select, LL0/LL1 are used to select
load line slope. Currently only 1.25mohm slope is supported. Module can be configured
to support multiple load line slopes.
IMON
Analog average load current signal, scaling TBD.
VBIAS
3.3V Bias input. 3.1 – 3.5V, 200mA max, required for operation of unit.
VR_HOT
Open-drain output signal, pulled actively low indicating a thermal event has been
detected on the VRM
VRM_PRES Signal used by system to indicate the VRM is present in the design.
LPL
Low Power Lockout. This signal has a 10k pull-down resistor internal to the VRM. The
application board ties this signal to OUTEN, so the VRM will turn on only when plugged
into a socket with this configuration. LPL and OUTEN are AND’ed in the VRM, both must
be logic high in order for the VRM output to be enabled.


Similar Part No. - GRND-40A160

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GRND-90A161 BEL-GRND-90A161 Datasheet
243Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS
GRND-C2A160 BEL-GRND-C2A160 Datasheet
219Kb / 12P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - GRND-40A160

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com