Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPBW52V04ERG001 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # GPBW52V04ERG001
Description  BOLERO HV DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

GPBW52V04ERG001 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  GPBW52V04ERG001 Datasheet HTML 1Page - Bel Fuse Inc. GPBW52V04ERG001 Datasheet HTML 2Page - Bel Fuse Inc. GPBW52V04ERG001 Datasheet HTML 3Page - Bel Fuse Inc. GPBW52V04ERG001 Datasheet HTML 4Page - Bel Fuse Inc. GPBW52V04ERG001 Datasheet HTML 5Page - Bel Fuse Inc. GPBW52V04ERG001 Datasheet HTML 6Page - Bel Fuse Inc. GPBW52V04ERG001 Datasheet HTML 7Page - Bel Fuse Inc. GPBW52V04ERG001 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
GPBW52V04
BOLERO HV DC/DC CONVERTERS
48V Input – 52VDC – 4A Output
page 3
General Specifications
Operating Temperature,
Baseplate
-40
˚ C to + 100˚ C
Storge Temperature
-55
˚ C + 125˚ C
Relative Humidity
10% to 95% RH, Non-condensing
Vibration
2 to 9 Hz, 3mm disp., 9 to 200 Hz, 1g
Material Flammability
UL V-0
Weight
55 grams
MTBF Bellcore TR-332
1.6 million hours
Approvals and Standards
UL and c-UL Recognized Component, TUV,
UL1950, CSA 22.2 No. 950, IEC/EN 60950**
Pending.
EMC Characteristics:
Designed to meet emission and immunity
requirements per EN55022, CISPR 22,
Class B, and CISPR 24.
** An external fuse shall be used to comply with
the requirements.
Isolation Specifications
Parameter
Min
Typical
Max
Units
Isolation Test Voltage, Input/Output (Basic)
2250
VDC
Isolation Resistance
10
M
Ω
3. PCB less than 130
˚ C.
Features
Parameter
Min
Typical
Max
Units
Over Temperature Protection, Thermal Sensor, Latching3
115
˚ C
Input, Output Ripple Frequency, Fixed
330
kHz


Similar Part No. - GPBW52V04ERG001

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GPBW52V04MMRG001 GALAXY-GPBW52V04MMRG001 Datasheet
960Kb / 7P
   BOLERO HV Series 48V Input, 52VDC, 4A Output
GPBW52V04MMRG002 GALAXY-GPBW52V04MMRG002 Datasheet
960Kb / 7P
   BOLERO HV Series 48V Input, 52VDC, 4A Output
GPBW52V04MMRG003 GALAXY-GPBW52V04MMRG003 Datasheet
960Kb / 7P
   BOLERO HV Series 48V Input, 52VDC, 4A Output
GPBW52V04MSRG001 GALAXY-GPBW52V04MSRG001 Datasheet
960Kb / 7P
   BOLERO HV Series 48V Input, 52VDC, 4A Output
GPBW52V04MSRG002 GALAXY-GPBW52V04MSRG002 Datasheet
960Kb / 7P
   BOLERO HV Series 48V Input, 52VDC, 4A Output
More results

Similar Description - GPBW52V04ERG001

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW24V08 BEL-GPBW24V08 Datasheet
638Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com