Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDGM3332 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LDGM3332
Description  ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDGM3332 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LDGM3332 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDGM3332 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDGM3332 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDGM3332 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDGM3332 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDGM3332 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
IFP
PD
IF
Tstg
Topr
ESD
Symbol
Typical Electrical & Optical Characteristics (Ta=25
)
Power Dissipation
Reverse Current @5V
Electrostatic Discharge( * )
Storage Temperature
Operating Temperature
Parameter
Peak Forward Current
Duty 1/10@10KHz
Forward Current
120
-30 ~ +100
-20 ~ +80
Ir
150
50
Ratings
DGM
100
30
mW
V
μA
mA
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/5
28
Viewing
angle
2
θ 1/2
(deg)
Min.
2700
20
Typ.
3.5
Forward
voltage
@
mA(V)
Max.
4.0
Peak
wave
length
λPnm
518
Spectral
halfwidth
△λnm
36
Typ.
Luminous
intensity
@20mA(mcd)
4000
Emitted
Green
PART NO
LDGM3332
MATERIAL
InGaN/GaN
Lens
COLOR
Dominant
wave
length
λDnm
525
*
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
LDGM3332
PART NO.
White Diffused


Similar Part No. - LDGM3332

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDGM3331-H0 LIGITEK-LDGM3331-H0 Datasheet
136Kb / 6P
   ROUND TYPE LED LAMPS
LDGM3333 LIGITEK-LDGM3333 Datasheet
132Kb / 6P
   ROUND TYPE LED LAMPS
LDGM3333-30-A LIGITEK-LDGM3333-30-A Datasheet
159Kb / 8P
   ROUND TYPE LED LAMPS
LDGM3333-H0 LIGITEK-LDGM3333-H0 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDGM3333-S166 LIGITEK-LDGM3333-S166 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
More results

Similar Description - LDGM3332

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com