Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2PW2V560PSRT005 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # G2PW2V560PSRT005
Description  PISCES II DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

G2PW2V560PSRT005 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  G2PW2V560PSRT005 Datasheet HTML 1Page - Bel Fuse Inc. G2PW2V560PSRT005 Datasheet HTML 2Page - Bel Fuse Inc. G2PW2V560PSRT005 Datasheet HTML 3Page - Bel Fuse Inc. G2PW2V560PSRT005 Datasheet HTML 4Page - Bel Fuse Inc. G2PW2V560PSRT005 Datasheet HTML 5Page - Bel Fuse Inc. G2PW2V560PSRT005 Datasheet HTML 6Page - Bel Fuse Inc. G2PW2V560PSRT005 Datasheet HTML 7Page - Bel Fuse Inc. G2PW2V560PSRT005 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
PISCES II DC/DC CONVERTERS
G2PW2V560
48V Input – 2.5VDC – 60A Output
page 3
Isolation Specifications
Parameter
Min
Typical
Max
Units
Isolation Test Voltage, Input/Output (Basic)
2250
VDC
Isolation Test Voltage, Input/Case
2000
VDC
Isolation Test Voltage, Output Case
500
VDC
Isolation Resistance
10
M
Ω
2. PCB less than 130˚ C.
Features
Parameter
Min
Typical
Max
Units
Over Temperature Protection, Thermal Sensor, Latching2
110
˚ C
Switching Frequency, Fixed
250
kHz
General Specifications
Operating Temperature
-40
˚ C to + 100˚ C
Storge Temperature
-55
˚ C + 125˚ C
Relative Humidity
10% to 95% RH, Non-condensing
Vibration
2 to 9 Hz, 3mm disp., 9 to 200 Hz, 1g
Material Flammability
UL V-0
Weight
35 grams
MTBF Telcordia (Bellcore)
1.6 million hours
Approvals and Standards
UL and c-UL Recognized Component, TUV**,
UL60950, CSA 22.2 No. 950, IEC/EN 60950
EMC Characteristics:
Designed to meet emission and immunity
requirements per EN55022, CISPR 22,
Class B, and CISPR 24.
** An external fuse shall be used to comply with
the requirements.


Similar Part No. - G2PW2V560PSRT005

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
G2PW2V560 GALAXY-G2PW2V560 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
More results

Similar Description - G2PW2V560PSRT005

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
G2PW1V260 BEL-G2PW1V260 Datasheet
495Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW5V030 BEL-G2PW5V030 Datasheet
510Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW1V560 BEL-G2PW1V560 Datasheet
494Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW1V860 BEL-G2PW1V860 Datasheet
499Kb / 8P
   PISCES II DC/DC CONVERTERS
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com