Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAQW3V330PERT Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # GAQW3V330PERT
Description  AQUARIUS DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

GAQW3V330PERT Datasheet(HTML) 2 Page - Bel Fuse Inc.

  GAQW3V330PERT Datasheet HTML 1Page - Bel Fuse Inc. GAQW3V330PERT Datasheet HTML 2Page - Bel Fuse Inc. GAQW3V330PERT Datasheet HTML 3Page - Bel Fuse Inc. GAQW3V330PERT Datasheet HTML 4Page - Bel Fuse Inc. GAQW3V330PERT Datasheet HTML 5Page - Bel Fuse Inc. GAQW3V330PERT Datasheet HTML 6Page - Bel Fuse Inc. GAQW3V330PERT Datasheet HTML 7Page - Bel Fuse Inc. GAQW3V330PERT Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
AQUARIUS DC/DC CONVERTERS
GAQW3V330
48V Input – 3.3VDC – 30A Output
Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com
page 2
Input Specifications
Parameter
Min
Typical
Max
Units
Operating Input Voltage
36
48
75
VDC
Input Current
3.5
A
Input Capacitance
3
µF
Input Hysteresis, Low Line
2
VDC
VIN = 48VDC, TA@25˚ C, 300 LFM Airflow, VOUT = 3.3VDC, IOUT = Full load unless otherwise noted.
Available output power depends on ambient temperature and good thermal management.
(See application graphs for limits.)
1. During short circuit, converter will shut down and attempt to restart once per second. The average current during this
condition will be very low and the device can be safely left in this condition continuously.
2. Limited by output energy storage. For improved performance see Tuned (T) model information.
Output Specifications
Parameter
Min
Typical
Max
Units
Regulation Over Line, Load & Temperature
3.234
3.3
3.366
V
Voltage Ripple
20
mV RMS
Voltage Ripple, 20MHz BW
60
mV P–P
Current Range
0
30
A
Current Limit Inception
30.9
42
A
Short Circuit Current, Peak1
45
A
Output Transient Response, 50% to 75% Load Change, 1A/µsec2
16
%VOUT
Settling Time to ± 1%
200
µS
Turn-on Time to 98% Vnom
25
ms
Output Overshoot at Turn-on
0
%VOUT
Trim Range
70
110
%VOUT
Over Voltage Protection, Latching
130
%VOUT


Similar Part No. - GAQW3V330PERT

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAQW3V330PET GALAXY-GAQW3V330PET Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
More results

Similar Description - GAQW3V330PERT

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com