Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2PW1V260PERT005 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # G2PW1V260PERT005
Description  PISCES II DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

G2PW1V260PERT005 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  G2PW1V260PERT005 Datasheet HTML 1Page - Bel Fuse Inc. G2PW1V260PERT005 Datasheet HTML 2Page - Bel Fuse Inc. G2PW1V260PERT005 Datasheet HTML 3Page - Bel Fuse Inc. G2PW1V260PERT005 Datasheet HTML 4Page - Bel Fuse Inc. G2PW1V260PERT005 Datasheet HTML 5Page - Bel Fuse Inc. G2PW1V260PERT005 Datasheet HTML 6Page - Bel Fuse Inc. G2PW1V260PERT005 Datasheet HTML 7Page - Bel Fuse Inc. G2PW1V260PERT005 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
PISCES II DC/DC CONVERTERS
G2PW1V260
48V Input – 1.2VDC – 60A Output
Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com
page 4
Application Notes
CoolConverter
Bel Power’s Proprietary CoolConverter™
Patented single-stage power conversion architecture,
control and magnetic design allow unprecedented
power density and efficiency in an isolated power
supply.
Protection and Control
Valid Input Voltage Range
The converter measures the input voltage and will not allow
operation outside of the input voltage specification. As
shown by the graphs, hysteresis is added to both the high
and low voltage to prevent the converter from turning on and
off repeatedly when the voltage is held near either voltage
extreme. At low line, this assures the maximum input current
is not exceeded; at high line, this assures the semiconductor
devices in the converter are not damaged by excessive
voltage stress.
ON/OFF Logic Option
The ON/OFF control logic can be either Negative (standard)
or Positive to enable the converter. For Negative logic, the
ON/OFF pin is brought to below 1.0V with respect to the
–INPUT pin to enable the converter. The pull-down must be
able to sink 100µA. For Positive logic, the ON/OFF pin is
brought to greater than 4.0V with respect to the –INPUT pin
and be limited to less than 10V. To request the Positive logic
version, add the suffix (P) to the standard part number. The
ON/OFF pin has a built-in pull-up resistor of approximately
100k
Ω to +5V.
Output Over Voltage Protection
The output voltage is constantly monitored by the
microprocessor with a redundant secondary-side
measurement circuit that both shuts down the duty cycle and
triggers the microprocessor to shut down. If the output voltage
exceeds the over voltage specification, the microprocessor
will latch the converter off. To turn the converter on required
either cycling the ON/OFF pin or power to the converter. This
advanced feature prevents the converter from damaging the
load if there is a converter failure or application error. If non-
latching is required, consult factory.
An advanced microcontroller reduces parts count while
adding features, performance and flexibility in the design.
Low common-mode noise results from lower capacitance
in the transformer from balanced winding design.
Under Voltage Hysteresis
6
5
4
3
2
1
0
30
34
37
Input Voltage (V)
36
32
33
35
31
Over Voltage Hysteresis
6
5
4
3
2
1
0
76.5
78.5
80.5
Input Voltage (V)
79.5
77.5
78
80
79
77


Similar Part No. - G2PW1V260PERT005

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
G2PW1V260 GALAXY-G2PW1V260 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
More results

Similar Description - G2PW1V260PERT005

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
G2PW5V030 BEL-G2PW5V030 Datasheet
510Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW1V560 BEL-G2PW1V560 Datasheet
494Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW1V860 BEL-G2PW1V860 Datasheet
499Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW2V560 BEL-G2PW2V560 Datasheet
525Kb / 8P
   PISCES II DC/DC CONVERTERS
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com