Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6628US Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 1N6628US
Description  VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6628US Datasheet(HTML) 4 Page - Microsemi Corporation

  1N6628US Datasheet HTML 1Page - Microsemi Corporation 1N6628US Datasheet HTML 2Page - Microsemi Corporation 1N6628US Datasheet HTML 3Page - Microsemi Corporation 1N6628US Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VOIDLESS-HERMETICALLY-SEALED
SURFACE MOUNT ULTRA FAST
RECOVERY GLASS RECTIFIERS
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4
S C O T TS DALE DIVISION
1N6626US thru 1N6631US
PACKAGE DIMENSIONS AND PAD LAYOUT
NOTE: This Package Outline has also previously
PAD LAYOUT
been identified as “D-5B”
INCHES
mm
A
0.288
7.32
B
0.070
1.78
C
0.155
3.94
Note: If mounting requires adhesive
separate from the solder, an additional
0.080 inch diameter contact may be
placed in the center between the pads
as an optional spot for cement.
INCHES
mm
MIN
MAX
MIN
MAX
BL
.200
.225
5.08
5.72
BD
.137
.148
3.48
3.76
ECT
.019
.028
0.48
0.711
S
.003
---
0.08
---
Copyright
© 2009
10-30-2009 REV G, SD53A


Similar Part No. - 1N6628US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6628US MICROSEMI-1N6628US Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
1N6628US MICROSEMI-1N6628US Datasheet
363Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS RECTIFIERS
logo
Sensitron
1N6628US SENSITRON-1N6628US Datasheet
50Kb / 3P
   Ultrafast Recovery Rectifier
1N6628US SENSITRON-1N6628US Datasheet
43Kb / 3P
   Ultrafast Recovery Rectifier
logo
New Jersey Semi-Conduct...
1N6628US NJSEMI-1N6628US Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
More results

Similar Description - 1N6628US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6626US MICROSEMI-1N6626US Datasheet
363Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS RECTIFIERS
JANTXV1N6623 MICROSEMI-JANTXV1N6623 Datasheet
334Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626 MICROSEMI-1N6626_04 Datasheet
335Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N5186US MICROSEMI-1N5186US Datasheet
270Kb / 2P
   VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS
1N6073US MICROSEMI-1N6073US Datasheet
126Kb / 3P
   VOIDLESS HERMETICALLY SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
1N5415US MICROSEMI-1N5415US Datasheet
324Kb / 3P
   VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS
JANTX1N6624 MICROSEMI-JANTX1N6624 Datasheet
334Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626 MICROSEMI-1N6626_09 Datasheet
257Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6620 MICROSEMI-1N6620_04 Datasheet
325Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
JANTX1N6075 MICROSEMI-JANTX1N6075 Datasheet
300Kb / 3P
   VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com