Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDD495-61-XX-F1-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LDD495-61-XX-F1-PF
Description  DUAL DIGIT LED DISPLAY (0.40 lnch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDD495-61-XX-F1-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LDD495-61-XX-F1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDD495-61-XX-F1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDD495-61-XX-F1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDD495-61-XX-F1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDD495-61-XX-F1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDD495-61-XX-F1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDD495-61-XX-F1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LDD495-61-XX-F1-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LDD495-61-XX-F1-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4/8
Page
15
H
60
40
mW
mA
mA
UNIT
Symbol
IF
IFP
PD
Parameter
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Ratings
Absolute Maximum Ratings at Ta=25
Forward Current Per Chip
Power Dissipation Per Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
2:1
IV-M
Iv(mcd)
Vf(v)
Electrical
Typ.
Min.
0.35
0.2
Typ.
Min.
2.1
1.7
2.6
Max.
Topr
Tstg
90
Common
Anode
697
common
cathode
or anode
λP
(nm)
△λ
(nm)
CHIP
Emitted
Red
GaP
Material
-25 ~ +85
-25 ~ +85
Common
Cathode
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Part Selection And Application Information(Ratings at 25
)
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
PART NO
LDD4961-XX/F1-PF
LDD4951-XX/F1-PF
Storage Temperature
Operating Temperature
μA
10
Ir
Reverse Current Per Any Chip
PART NO. LDD495/61-XX/F1-PF


Similar Part No. - LDD495-61-XX-F1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDD495-64-10-SRPX-X LIGITEK-LDD495-64-10-SRPX-X Datasheet
103Kb / 9P
   DUAL DIGIT LED DISPLAY (0.4 Inch)
LDD495-64-XX-PF LIGITEK-LDD495-64-XX-PF Datasheet
142Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD495-64-XX-RP12-PF LIGITEK-LDD495-64-XX-RP12-PF Datasheet
178Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
More results

Similar Description - LDD495-61-XX-F1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDD405-61-XX-S4-PF LIGITEK-LDD405-61-XX-S4-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD425-61-XX-S4-PF LIGITEK-LDD425-61-XX-S4-PF Datasheet
145Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD4A5-65-XX-F1-PF LIGITEK-LDD4A5-65-XX-F1-PF Datasheet
142Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-61-XXKL-PF LIGITEK-LDD405-61-XXKL-PF Datasheet
134Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-62-XX-PF LIGITEK-LDD405-62-XX-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-61-XX-PF LIGITEK-LDD405-61-XX-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-65-XX-RP20 LIGITEK-LDD405-65-XX-RP20 Datasheet
129Kb / 8P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD425-65-XX-PF LIGITEK-LDD425-65-XX-PF Datasheet
173Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD495-64-XX-PF LIGITEK-LDD495-64-XX-PF Datasheet
142Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-62-XX-RP9 LIGITEK-LDD405-62-XX-RP9 Datasheet
135Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com