Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1628-12-6X Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LXMG1628-12-6X
Description  12V Dual 6W Programmable CCFL Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1628-12-6X Datasheet(HTML) 4 Page - Microsemi Corporation

  LXMG1628-12-6X Datasheet HTML 1Page - Microsemi Corporation LXMG1628-12-6X Datasheet HTML 2Page - Microsemi Corporation LXMG1628-12-6X Datasheet HTML 3Page - Microsemi Corporation LXMG1628-12-6X Datasheet HTML 4Page - Microsemi Corporation LXMG1628-12-6X Datasheet HTML 5Page - Microsemi Corporation LXMG1628-12-6X Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 800-877-6458, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2008
Rev. 1.0, 2008-12-03
PanelMatch™
LXMG1628-12-6x
12V Dual 6W Programmable CCFL Inverter Module
TM
®
TABLE 1
OUTPUT CURRENT SETTINGS
SET1
(Pin 7)
SET2
(Pin 8)
Nominal Output Current
Open*
Open*
8.0mA
Open*
Ground
7.0mA
Ground
Open*
6.0mA
Ground
Ground
5.0mA
* If driven by a logic signal it should be open collector or open drain only, not a voltage source.
PHYSICAL DIMENSIONS
L X MG1628 -12-6 x
CN1
14mm
.551 in
3mm
.118 in
151mm
5.945 in.
18mm
.708 in.
165mm
6.496 in.
CN2
CN3
1mm ± 0.1
0.0395 in.
10mm Max
0.394in.
weight: 22g typ.
21mm
0.827in
PCB tolerances ± 0.5mm , 4-40 recommended mounting screws
GROUNDED MOUNTING HOLE 3MM ±.08 DIA.
6MM HEAD CLEARANCE BOTH HOLES
MOUNTING HOLE 3.06MM
±.08 DIA.
137mm ±0.2
5.394 in.
Warning
High Voltage is present at
high side of each transformer,
its core and the high side of
the output connector pins,
please provide at least 3 mm
clearance (in all directions) on
the component side of the
board to any conductor when
mounting
Dimensions are in millimeters (inches for reference only)
SIMPLIFIED BLOCK DIAGRAM
Transformer
Driver
VLO
VHI
BRITE
SET1
High Voltage
Transformer
ISENSE
OVSENSE
SET2
232k
+3V
VIN
10k
Controller
One of two
+3V
+3V
46.4k
10k


Similar Part No. - LXMG1628-12-6X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1621-01 MICROSEMI-LXMG1621-01 Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-01 MICROSEMI-LXMG1621-01 Datasheet
296Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-02 MICROSEMI-LXMG1621-02 Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-02 MICROSEMI-LXMG1621-02 Datasheet
296Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-03 MICROSEMI-LXMG1621-03 Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
More results

Similar Description - LXMG1628-12-6X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1623-12-6X MICROSEMI-LXM1623-12-6X Datasheet
188Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXMG1623-12-6X MICROSEMI-LXMG1623-12-6X Datasheet
178Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXMG1626-12-45 MICROSEMI-LXMG1626-12-45_07 Datasheet
200Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
LXM1626-12-64 MICROSEMI-LXM1626-12-64 Datasheet
178Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
LXM1624-12-6X MICROSEMI-LXM1624-12-6X Datasheet
235Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXMG1626-12-46_0708 MICROSEMI-LXMG1626-12-46_0708 Datasheet
202Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
LXMG1626-12-46 MICROSEMI-LXMG1626-12-46 Datasheet
182Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
LXMG1627-12-6X MICROSEMI-LXMG1627-12-6X Datasheet
188Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXM1623-12-61 MICROSEMI-LXM1623-12-61 Datasheet
218Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXMG1624-12-6X MICROSEMI-LXMG1624-12-6X Datasheet
224Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com