Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RX3-D2T120 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0RX3-D2T120
Description  ISOLATED DC/DC CONVERTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RX3-D2T120 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0RX3-D2T120 Datasheet HTML 1Page - Bel Fuse Inc. 0RX3-D2T120 Datasheet HTML 2Page - Bel Fuse Inc. 0RX3-D2T120 Datasheet HTML 3Page - Bel Fuse Inc. 0RX3-D2T120 Datasheet HTML 4Page - Bel Fuse Inc. 0RX3-D2T120 Datasheet HTML 5Page - Bel Fuse Inc. 0RX3-D2T120 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input
12 Vdc/18 A Output
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit On)
-0.3 V
-
0.8 V
Signal High (Unit Off)
Active Low
2.4 V
-
18 V
Signal Low (Unit Off)
-0.3 V
-
0.8 V
Signal High (Unit On)
Active High
2.4 V
-
18 V
When Remote On/Off pin is
open, for active low option, unit
is off; for active high option, unit
is on.
Current Sink
0 mA
-
0.75 mA
Efficiency Data
75.00%
80.00%
85.00%
90.00%
95.00%
100.00%
1.80
4.50
9.00
13.50
18.00
OUTPUT CURRENT(A)
36 V
48 V
75V
Thermal Derating Curve
Output current derating versus ambient temperature and airflow @Vin=48V


Similar Part No. - 0RX3-D2T120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RXC-75TD3X BEL-0RXC-75TD3X Datasheet
361Kb / 15P
   ISOLATED DC/DC CONVERTERS
0RXL-02T050 BEL-0RXL-02T050 Datasheet
113Kb / 5P
   ISOLATED DC/DC CONVERTERS
0RXU-75TD10 BEL-0RXU-75TD10 Datasheet
292Kb / 8P
   ISOLATED DC/DC CONVERTERS 36 Vdc - 75 Vdc Input 12 Vdc/5 A, -12 Vdc/1.5 A Dual Outputs
0RXU-75TD10 BEL-0RXU-75TD10 Datasheet
298Kb / 8P
   ISOLATED DC/DC CONVERTERS
0RXU-75TD10 BEL-0RXU-75TD10_07 Datasheet
298Kb / 8P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RX3-D2T120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com