Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTM100VDA35T3G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTM100VDA35T3G
Description  Dual Boost chopper MOSFET Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM100VDA35T3G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTM100VDA35T3G Datasheet HTML 1Page - Microsemi Corporation APTM100VDA35T3G Datasheet HTML 2Page - Microsemi Corporation APTM100VDA35T3G Datasheet HTML 3Page - Microsemi Corporation APTM100VDA35T3G Datasheet HTML 4Page - Microsemi Corporation APTM100VDA35T3G Datasheet HTML 5Page - Microsemi Corporation APTM100VDA35T3G Datasheet HTML 6Page - Microsemi Corporation APTM100VDA35T3G Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
APTM100VDA35T3G
www.microsemi.com
5 – 7
0.85
0.90
0.95
1.00
1.05
1.10
1.15
-50 -25
0
25 50 75 100 125 150
TJ, Junction Temperature (°C)
Breakdown Voltage vs Temperature
ON resistance vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
-50 -25
0
25 50 75 100 125 150
TJ, Junction Temperature (°C)
VGS=10V
ID=11A
Threshold Voltage vs Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-50 -25
0
25 50 75 100 125 150
TC, Case Temperature (°C)
Maximum Safe Operating Area
10ms
1ms
100µs
1
10
100
1
10
100
1000
VDS, Drain to Source Voltage (V)
limited by RDSon
Single pulse
TJ=150°C
TC=25°C
Ciss
Crss
Coss
100
1000
10000
100000
0
1020
3040
50
VDS, Drain to Source Voltage (V)
Capacitance vs Drain to Source Voltage
VDS=200V
VDS=500V
VDS=800V
0
2
4
6
8
10
12
14
0
50
100
150
200
250
Gate Charge (nC)
Gate Charge vs Gate to Source Voltage
ID=22A
TJ=25°C


Similar Part No. - APTM100VDA35T3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM100A13D ADPOW-APTM100A13D Datasheet
298Kb / 6P
   Phase leg with Series diodes MOSFET Power Module
logo
Microsemi Corporation
APTM100A13DG MICROSEMI-APTM100A13DG Datasheet
271Kb / 6P
   Phase leg with Series diodes MOSFET Power Module
APTM100A13SCG MICROSEMI-APTM100A13SCG Datasheet
283Kb / 7P
   Phase leg Series & SiC parallel diodes MOSFET Power Module
logo
Inchange Semiconductor ...
APTM100A13SCG ISC-APTM100A13SCG Datasheet
439Kb / 6P
   SiC diodes MOSFET Power Module
logo
Microsemi Corporation
APTM100A13SG MICROSEMI-APTM100A13SG Datasheet
273Kb / 6P
   Phase leg Series & parallel diodes MOSFET Power Module
More results

Similar Description - APTM100VDA35T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM100DDA35T3G MICROSEMI-APTM100DDA35T3G Datasheet
291Kb / 6P
   Dual Boost chopper MOSFET Power Module
APTM50DDA10T3G MICROSEMI-APTM50DDA10T3G Datasheet
293Kb / 6P
   Dual Boost chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM50DDA10T3 ADPOW-APTM50DDA10T3 Datasheet
321Kb / 6P
   Dual Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM10DDAM09T3G MICROSEMI-APTM10DDAM09T3G Datasheet
287Kb / 6P
   Dual Boost chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM50DDAM65T3 ADPOW-APTM50DDAM65T3 Datasheet
320Kb / 6P
   Dual Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM10DDAM19T3G MICROSEMI-APTM10DDAM19T3G Datasheet
287Kb / 6P
   Dual Boost chopper MOSFET Power Module
APTM120VDA57T3G MICROSEMI-APTM120VDA57T3G Datasheet
245Kb / 7P
   Dual Boost chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM10DDAM09T3 ADPOW-APTM10DDAM09T3 Datasheet
315Kb / 6P
   Dual Boost chopper MOSFET Power Module
APTM10DDAM19T3 ADPOW-APTM10DDAM19T3 Datasheet
315Kb / 6P
   Dual Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM50DDAM65T3G MICROSEMI-APTM50DDAM65T3G Datasheet
293Kb / 6P
   Dual Boost chopper MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com