Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDBK43740 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LDBK43740
Description  OVAL TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK43740 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LDBK43740 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK43740 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK43740 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK43740 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK43740 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK43740 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Blue Diffused
COLOR
Lens
InGaN/GaN
MATERIAL
LDBK43740
PART NO
Blue
Emitted
550
Luminous
intensity
@20mA(mcd)
Typ.
30
Spectral
halfwidth
△λnm
470
Dominant
wave
length
λDnm
4.0
Max.
Forward
voltage
@
mA(V)
3.5
Typ.
20
350
Min.
Viewing
angle
2
θ1/2
(deg)
2/5
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
mA
mA
μA
V
mW
30
100
DBK
Ratings
50
150
Ir
-20 ~ +80
-30 ~ +100
120
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Parameter
Operating Temperature
Storage Temperature
Electrostatic Discharge( * )
Reverse Current @5V
Power Dissipation
Typical Electrical & Optical Characteristics (Ta=25
)
Symbol
ESD
Topr
Tstg
IF
PD
IFP
Absolute Maximum Ratings at Ta=25
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
LDBK43740
PART NO.
Vertical
Axis 40
°
Horizontal
Axis 110
°


Similar Part No. - LDBK43740

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK43740-P1 LIGITEK-LDBK43740-P1 Datasheet
135Kb / 6P
   OVAL TYPE LED LAMPS
More results

Similar Description - LDBK43740

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDGM23533 LIGITEK-LDGM23533 Datasheet
78Kb / 6P
   OVAL TYPE LED LAMPS
LDGM32840-P1 LIGITEK-LDGM32840-P1 Datasheet
127Kb / 6P
   OVAL TYPE LED LAMPS
LDBK43743 LIGITEK-LDBK43743 Datasheet
112Kb / 6P
   OVAL TYPE LED LAMPS
LUY13430H LIGITEK-LUY13430H Datasheet
118Kb / 6P
   OVAL TYPE LED LAMPS
LDGM13430 LIGITEK-LDGM13430 Datasheet
109Kb / 6P
   OVAL TYPE LED LAMPS
LDGM32840 LIGITEK-LDGM32840 Datasheet
138Kb / 6P
   OVAL TYPE LED LAMPS
LWK43742 LIGITEK-LWK43742 Datasheet
151Kb / 7P
   OVAL TYPE LED LAMPS
L8SR13430-PF LIGITEK-L8SR13430-PF Datasheet
110Kb / 6P
   OVAL TYPE LED LAMPS
LDGM23531-S7 LIGITEK-LDGM23531-S7 Datasheet
117Kb / 6P
   OVAL TYPE LED LAMPS
LDGM43743 LIGITEK-LDGM43743 Datasheet
124Kb / 6P
   OVAL TYPE LED LAMPS
LDGL43740 LIGITEK-LDGL43740 Datasheet
134Kb / 6P
   OVAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com