Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCY-80R033 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0RCY-80R033
Description  ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-80R033 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0RCY-80R033 Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-80R033 Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-80R033 Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-80R033 Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-80R033 Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-80R033 Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-80R033 Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-80R033 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
18 Vdc - 36 Vdc Input
12 Vdc /10 A, 3.3 Vdc/30 A
Outputs
Input Specifications (continued)
Parameter
Min
Typ
Max
Notes
Input Reflected Ripple Current
(rms)
5 mA
10 mA
Input Reflected Ripple Current
(pk-pk)
-
25 mA
40 mA
Tested with simulated source impedance
of 10 uH, 5 Hz to 20 MHz; use a 100
uF/100 V electrolytic cap with ESR = 1
ohm max. at 200 kHz at 25
°C.
I
2t Inrush Current Transient
-
0.1 A
2s
0.5 A
2s
Turn-on Voltage Threshold
16 V
16.5 V
17 V
Turn-off Voltage Threshold
15 V
15.5 V
16.2 V
Note: All specifications are typical at 25
°C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
Vo=1.8 V
Vo=3.3 V
Vo=12 V
1.773 V
3.250 V
11.76 V
1.80 V
3.30 V
12.0 V
1.827 V
3.350 V
12.24 V
Vin=24 V, Io=50% load
Load Regulation
Vo=1.8 V
Vo=3.3 V
Vo=12 V
-
-
-
±6 mV
±8 mV
±12 mV
±12 mV
±16 mV
±24 mV
line Regulation
Vo=1.8 V
Vo=3.3 V
Vo=12 V
-
-
-
±6 mV
±8 mV
±12 mV
±12 mV
±16 mV
±24 mV
Regulation Over Temperature
(-40deg.C ~ +85deg.C)
Vo=1.8 V
Vo=3.3 V
Vo=12 V
-
-
-
±15 mV
±20 mV
±30 mV
±30 mV
±40 mV
±60 mV
Ripple and Noise (rms)
Vo=1.8 V
Vo=3.3 V
Vo=12 V
-
-
-
30 mV
30 mV
30 mV
50 mV
50 mV
50 mV
Ripple and Noise (pk-pk)
Vo=1.8 V
Vo=3.3 V
Vo=12 V
-
-
-
60 mV
80 mV
100 mV
100 mV
120 mV
150 mV
0-20 MHz BW, with a 1 µF ceramic cap and
a 10 uF tantalum cap at the output.
Output Current Range
Vo=1.8 V
Vo=3.3 V
Vo=12 V
0 A
0 A
0 A
-
-
-
30 A
30 A
10 A
Output DC Current Limit
Vo=1.8 V
Vo=3.3 V
Vo=12 V
33 A
33 A
11 A
39 A
39 A
13 A
45 A
45 A
15 A
Short Circuit Surge Transient
-
2 A
2s
4 A
2s
Turn on Time
-
60 mS
100 mS
Overshoot at Turn on
-
0%
5%
Output Capacitance
Vo=1.8 V
Vo=3.3 V
Vo=12 V
0 uF
0 uF
0 uF
-
-
-
20000 uF
10000 uF
1500 uF


Similar Part No. - 0RCY-80R033

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-80R033 BEL-0RCY-80R033 Datasheet
225Kb / 8P
   ISOLATED DC/DC CONVERTERS
0RCY-80R033 BEL-0RCY-80R033 Datasheet
225Kb / 8P
   ISOLATED DC/DC CONVERTERS 18 Vdc - 36 Vdc Input
More results

Similar Description - 0RCY-80R033

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com