Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCY-80RV8L Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # 0RCY-80RV8L
Description  ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-80RV8L Datasheet(HTML) 5 Page - Bel Fuse Inc.

  0RCY-80RV8L Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-80RV8L Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-80RV8L Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-80RV8L Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-80RV8L Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-80RV8L Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-80RV8L Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-80RV8L Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
18 Vdc - 36 Vdc Input
12 Vdc /10 A, 3.3 Vdc/30 A
Outputs
Thermal Derating Curves
Vo=1.8 V
Vo=12 V
Note: Vin=24 V, with maximum junction temperature of semiconductors derated to 120 degree C.
Ripple and Noise Waveforms
24 Vdc input, 1.8 Vdc/30 A output
24 Vdc input, 12 Vdc/10 A output
Note: Ripple and noise at full load, with a 1uF ceramic cap and a 10 uF Tantalum cap at output, and Ta=25 deg C.


Similar Part No. - 0RCY-80RV8L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-80RV8L BEL-0RCY-80RV8L Datasheet
225Kb / 8P
   ISOLATED DC/DC CONVERTERS
0RCY-80RV8L BEL-0RCY-80RV8L Datasheet
225Kb / 8P
   ISOLATED DC/DC CONVERTERS 18 Vdc - 36 Vdc Input
More results

Similar Description - 0RCY-80RV8L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com