Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCR-40S100 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0RCR-40S100
Description  ISOLATED DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCR-40S100 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0RCR-40S100 Datasheet HTML 1Page - Bel Fuse Inc. 0RCR-40S100 Datasheet HTML 2Page - Bel Fuse Inc. 0RCR-40S100 Datasheet HTML 3Page - Bel Fuse Inc. 0RCR-40S100 Datasheet HTML 4Page - Bel Fuse Inc. 0RCR-40S100 Datasheet HTML 5Page - Bel Fuse Inc. 0RCR-40S100 Datasheet HTML 6Page - Bel Fuse Inc. 0RCR-40S100 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 VDC Input 9.6 VDC/40 A Output, 1/8 Brick
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
Vin=38 V
Vin=48 V
Vin=55 V
7.15 V
9.10 V
10.45 V
7.30 V
9.24 V
10.62 V
7.6 V
9.6 V
11.0 V
lo=0 A - Iomax
Load Regulation
Vin=38 V
Vin=48 V
Vin=55 V
-
-
-
0.16 V
0.13 V
0.10 V
0.25 V
0.20 V
0.15 V
lo=0 A - Iomax
Line Regulation
-
3.4 V
4.0 V
Regulation Over Temperature
(-40
°C to +85 °C)
-
100 mV
150 mV
Output Current
0 A
-
40 A
Max output power 300W
Current Limit Threshold
Vin=38 V
Vin=48 V
Vin=55 V
46 A
38 A
31 A
53 A
44 A
38 A
60 A
50 A
45 A
Short Circuit Surge Transient
-
1.5 A
2s
2.5 A
2s
Ripple and Noise (rms)
-
25 mV
50 mV
Ripple and Noise (pk-pk)
-
90 mV
150 mV
Vin=48 V, 0-20 MHz BW, with a 1
uF ceramic cap and a 47 uF
tantalum cap at the output.
Turn on Time
-
20 mS
30 mS
Overshoot at Turn on
-
0%
3%
Output Capacitance
47 uF
-
3300 uF
Transient Response
Overshoot
-
100 mV
150 mV
50% ~ 75%
Max Load
Settling Time
-
-
-
Overshoot
-
100 mV
150 mV
75% ~ 50%
Max Load
Settling Time
Vin=48 V
-
-
-
Test conditions: di/dt = 0.5 A/uS,
Vin=48 V, Ta=25°C, with a 47 uF
tantalum cap at the output.
Note: All specifications are typical at 25
°C unless otherwise stated.
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
95.5%
97%
-
Vin=48 V, full load
Switching Frequency
120 kHz
150 kHz
180 kHz
Isolation Capacitance
-
1500 pF
-
Input to Output Isolation Voltage
-
1500 V
-
Over Temperature Protection
-
120
°C
-
Average PCB temperature will not
exceed 120°C.
MTBF
TBD
Calculated Per Bell Core SR-332
(Vin=48 V; IO=80% full load; Ta = 25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
2.30 x 0.896 x 0.50
58.41 x 22.76 x 12.7
Weight
-
45 g
-
Note: All specifications are typical at 25
°C unless otherwise stated.


Similar Part No. - 0RCR-40S100

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCR-40S10X BEL-0RCR-40S10X Datasheet
158Kb / 9P
   ISOLATED DC/DC CONVERTERS
0RCR-40S10X BEL-0RCR-40S10X_10 Datasheet
158Kb / 9P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCR-40S100

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com