Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCR-3012L Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0RCR-3012L
Description  ISOLATED DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCR-3012L Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0RCR-3012L Datasheet HTML 1Page - Bel Fuse Inc. 0RCR-3012L Datasheet HTML 2Page - Bel Fuse Inc. 0RCR-3012L Datasheet HTML 3Page - Bel Fuse Inc. 0RCR-3012L Datasheet HTML 4Page - Bel Fuse Inc. 0RCR-3012L Datasheet HTML 5Page - Bel Fuse Inc. 0RCR-3012L Datasheet HTML 6Page - Bel Fuse Inc. 0RCR-3012L Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 VDC Input 11.8 VDC/25 A Output, 1/8 Brick
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
95%
96%
-
Vin=48 V, full load, 25
°C
Switching Frequency
-
250 kHz
-
Isolation Capacitance
-
3900 pF
-
Isolation Voltage
-
1500 V
-
Over Temperature Protection
-
125
°C
-
MTBF
TBD
Calculated Per Bell Core SR-332
(Vin=48 V; IO=80% full load; Ta = 25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
2.30 x 0.896 x 0.50
58.41 x 22.76 x 12.7
Weight
-
42 g
-
Note: All specifications are typical at 25 °C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal High (Unit Off)
2 V
-
20 V
Signal Low (Unit On)
Active Low
0 V
-
0.4 V
Signal High (Unit On)
2 V
-
20 V
Signal Low (Unit Off)
Active High
0 V
-
0.4 V
The remote on/off pin is open: If
active low, the Unit Off; If active
high, the Unit On.


Similar Part No. - 0RCR-3012L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCR-12S12H BEL-0RCR-12S12H Datasheet
98Kb / 3P
   ISOLATED DC/DC CONVERTERS
0RCR-12S12L BEL-0RCR-12S12L Datasheet
98Kb / 3P
   ISOLATED DC/DC CONVERTERS
0RCR-15T08H BEL-0RCR-15T08H Datasheet
122Kb / 5P
   ISOLATED DC/DC CONVERTERS
0RCR-15T08L BEL-0RCR-15T08L Datasheet
122Kb / 5P
   ISOLATED DC/DC CONVERTERS
0RCR-15T08X BEL-0RCR-15T08X Datasheet
122Kb / 5P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCR-3012L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com