Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCR-18S08L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0RCR-18S08L
Description  ISOLATED DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCR-18S08L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0RCR-18S08L Datasheet HTML 1Page - Bel Fuse Inc. 0RCR-18S08L Datasheet HTML 2Page - Bel Fuse Inc. 0RCR-18S08L Datasheet HTML 3Page - Bel Fuse Inc. 0RCR-18S08L Datasheet HTML 4Page - Bel Fuse Inc. 0RCR-18S08L Datasheet HTML 5Page - Bel Fuse Inc. 0RCR-18S08L Datasheet HTML 6Page - Bel Fuse Inc. 0RCR-18S08L Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 VDC Input 8 VDC/18 A Output, 1/8 Brick
Industry Standard Eighth-Brick Package
Up to 140 W at 95% Efficiency
1500 V Isolation
Remote On/Off
Low Cost
UL/cUL Recognized (Certified to EN60950-1)
Description
The 0RCR “Cimarron” Series are isolated DC/DC converters that operate from a nominal 48 VDC source. These
converters use a half bridge power train to provide isolation and step down. These units will provide up to 140 W
of output power from a nominal 48 VDC input. These units are designed to be highly efficient and low cost.
Features include remote on/off, over current protection and under voltage lockout. These converters are provided
in an industry standard eighth-brick package.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
Vin / 6
48 Vdc
18 A
140 W
95%
0RCR-18S08L
Notes: 1. Add “G” suffix at the end of the model number to indicate Tray Packaging.
2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
80 V
Remote On/Off
-0.3 V
-
80 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-40
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
36 V
-
60 V
Input Current (full load)
-
-
3 A
Input Current (no load)
-
-
45 mA
Input Current (disabled)
-
-
3 mA
Input Reflected Ripple Current
(pk-pk)
-
-
10 mA
Input Reflected Ripple Current
(rms)
-
-
5 mA
Tested with simulated source impedance
of 10 uH, 5 Hz to 20 MHz; use a 47
uF/100 V electrolytic capacitor with ESR
= 1 ohm max. at 200 kHz at 25
°C.
I
2t Inrush Current Transient
-
0.039 A
2s
0.062 A
2s
Turn On Voltage Threshold
-
34.5 V
-
Turn Off Voltage Threshold
-
32.5 V
-
0RCR-18S “Cimarron” Series
RoHS Compliant


Similar Part No. - 0RCR-18S08L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCR-18S08L BEL-0RCR-18S08L Datasheet
98Kb / 3P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCR-18S08L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com