Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVIR65063-L15-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LVIR65063-L15-PF
Description  INFRARED EMITTING DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LVIR65063-L15-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LVIR65063-L15-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LVIR65063-L15-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LVIR65063-L15-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LVIR65063-L15-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LVIR65063-L15-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LVIR65063-L15-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LVIR65063-L15-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LVIR65063-L15-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PART NO.
Device Selection Guide:
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
MATERIAL
GaAIAs/GaAs
PART NO
LVIR65063/L15-PF
LENS COLOR
Water Clear
Package Dimensions
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
infrared emitting diodes encapsulated in water clear plastic
4.0
The LVIR65063/L15-PFseries are high power solution grown efficiency Gallium Arsenide
T-1 3/4 package individually
Features:
1. High radiant intensity.
2. Suitable for pulsed applications.
3. Low average degradation.
Descriptions:
-
2.0TYP
1.0MIN
+
0.45MAX
0.35TYP
1.0MAX
25.0MIN
0.40TYP
Page
2.7
LVIR65063/L15-PF
R1.38
1.5
1/7


Similar Part No. - LVIR65063-L15-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVIR62343-A-PF LIGITEK-LVIR62343-A-PF Datasheet
200Kb / 9P
   INFRARED EMITTING DIODES
LVIR63233-S2-A-PF LIGITEK-LVIR63233-S2-A-PF Datasheet
190Kb / 10P
   INFRARED EMITTING DIODES
More results

Similar Description - LVIR65063-L15-PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHE940CA ETC-OHE940CA Datasheet
157Kb / 2P
   INFRARED EMITTING DIODES
logo
LIGITEK electronics co....
LVIR2043-PF LIGITEK-LVIR2043-PF Datasheet
137Kb / 8P
   INFRARED EMITTING DIODES
LVIR3333-S137-PF LIGITEK-LVIR3333-S137-PF Datasheet
168Kb / 8P
   INFRARED EMITTING DIODES
LHIR2342-PF LIGITEK-LHIR2342-PF Datasheet
110Kb / 6P
   INFRARED EMITTING DIODES
LHIR3331-PF LIGITEK-LHIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LHIR3333-S46-PF LIGITEK-LHIR3333-S46-PF Datasheet
263Kb / 8P
   INFRARED EMITTING DIODES
LHIR9653-30C LIGITEK-LHIR9653-30C Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LHIR9653-50B-L37 LIGITEK-LHIR9653-50B-L37 Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LSIR3331-PF LIGITEK-LSIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LSIR3333-TRS LIGITEK-LSIR3333-TRS Datasheet
153Kb / 9P
   INFRARED EMITTING DIODES
logo
List of Unclassifed Man...
BIR-BL0331 ETC1-BIR-BL0331 Datasheet
633Kb / 2P
   INFRARED EMITTING DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com