Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDBK9353 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LDBK9353
Description  AXIAL TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK9353 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LDBK9353 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK9353 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK9353 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK9353 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK9353 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK9353 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDBK9353 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 1/6
0.5
-
PART NO. LDBK9353
Package Dimensions
+
6.0MIN
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.54
2.2
6.0MIN
Directivity Radiation
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
100%
50%
75%
0
25%
-60
°
-30
°
0
°
75%
25%
50%
100%
60
°
30
°


Similar Part No. - LDBK9353

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK9353-TR1 LIGITEK-LDBK9353-TR1 Datasheet
134Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results

Similar Description - LDBK9353

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LURF9033 LIGITEK-LURF9033 Datasheet
1Mb / 7P
   AXIAL TYPE LED LAMPS
LVG9353 LIGITEK-LVG9353 Datasheet
84Kb / 7P
   AXIAL TYPE LED LAMPS
LHRF9033 LIGITEK-LHRF9033 Datasheet
1Mb / 7P
   AXIAL TYPE LED LAMPS
LHY9033 LIGITEK-LHY9033 Datasheet
123Kb / 7P
   AXIAL TYPE LED LAMPS
LUE9033 LIGITEK-LUE9033 Datasheet
1Mb / 7P
   AXIAL TYPE LED LAMPS
LUY9033 LIGITEK-LUY9033 Datasheet
1Mb / 7P
   AXIAL TYPE LED LAMPS
LG9033 LIGITEK-LG9033 Datasheet
123Kb / 7P
   AXIAL TYPE LED LAMPS
LVG9253-1M LIGITEK-LVG9253-1M Datasheet
119Kb / 7P
   AXIAL TYPE LED LAMPS
LDBK9253-1 LIGITEK-LDBK9253-1 Datasheet
123Kb / 7P
   AXIAL TYPE LED LAMPS
LUG9253-1M LIGITEK-LUG9253-1M Datasheet
70Kb / 5P
   AXIAL TYPE LED LAMPS
LVG9253-1 LIGITEK-LVG9253-1 Datasheet
222Kb / 7P
   AXIAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com