Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT05DC120HJ Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT05DC120HJ
Description  ISOTOP SiC Diode Full Bridge Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT05DC120HJ Datasheet(HTML) 3 Page - Microsemi Corporation

  APT05DC120HJ Datasheet HTML 1Page - Microsemi Corporation APT05DC120HJ Datasheet HTML 2Page - Microsemi Corporation APT05DC120HJ Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
APT05DC120HJ
www.microsemi.com
3- 3
Typical Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.5
1
1.5
2
2.5
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Forward Characteristics
TJ=25°C
TJ=75°C
TJ=125°C
TJ=175°C
0
2
4
6
8
10
0
0.5
11.5
22.5
33.5
VF Forward Voltage (V)
Reverse Characteristics
TJ=25°C
TJ=75°C
TJ=125°C
TJ=175°C
0
50
100
150
200
400
600
800
1000 1200 1400 1600
VR Reverse Voltage (V)
Capacitance vs.Reverse Voltage
0
100
200
300
400
1
10
100
1000
VR Reverse Voltage
ISOTOP® is a registered trademark of ST Microelectronics NV
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APT05DC120HJ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT06DC60HJ MICROSEMI-APT06DC60HJ Datasheet
76Kb / 3P
   ISOTOP SiC Diode Full Bridge Power Module
More results

Similar Description - APT05DC120HJ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT06DC60HJ MICROSEMI-APT06DC60HJ Datasheet
76Kb / 3P
   ISOTOP SiC Diode Full Bridge Power Module
APT10DC120HJ MICROSEMI-APT10DC120HJ Datasheet
75Kb / 3P
   ISOTOP SiC Diode Full Bridge Power Module
APT40DC120HJ MICROSEMI-APT40DC120HJ Datasheet
76Kb / 3P
   ISOTOP SiC Diode Full Bridge Power Module
APT10DC60HJ MICROSEMI-APT10DC60HJ Datasheet
77Kb / 3P
   ISOTOP SiC Diode Full Bridge Power Module
APT30DC120HJ MICROSEMI-APT30DC120HJ Datasheet
75Kb / 3P
   ISOTOP SiC Diode Full Bridge Power Module
APT20DC60HJ MICROSEMI-APT20DC60HJ Datasheet
76Kb / 3P
   ISOTOP SiC Diode Full Bridge Power Module
APT30DC60HJ MICROSEMI-APT30DC60HJ Datasheet
76Kb / 3P
   ISOTOP SiC Diode Full Bridge Power Module
APT20DC120HJ MICROSEMI-APT20DC120HJ Datasheet
75Kb / 3P
   ISOTOP SiC Diode Full Bridge Power Module
APT40DC60HJ MICROSEMI-APT40DC60HJ Datasheet
76Kb / 3P
   ISOTOP SiC Diode Full Bridge Power Module
APT60DF20HJ MICROSEMI-APT60DF20HJ Datasheet
79Kb / 4P
   ISOTOP Fast Diode Full Bridge Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com