Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2731-20 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2731-20
Description  20Watts, 36 Volts, 100us, 10% Radar 2700-3100 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2731-20 Datasheet(HTML) 1 Page - Microsemi Corporation

  2731-20 Datasheet HTML 1Page - Microsemi Corporation 2731-20 Datasheet HTML 2Page - Microsemi Corporation 2731-20 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2731-20R1
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
2731-20
20Watts, 36 Volts, 100us, 10%
Radar 2700-3100 MHz
GENERAL DESCRIPTION
The 2731-20is an internally matched, COMMON BASE bipolar transistor
capable of providing 20Watts of pulsed RF output power at 100 pulse width,
10% duty factor across the 2700 to 3100 MHz band. The transistor prematch
and test fixture has been optimized through the use of 10 Ohm TRL Analysis.
This ceramic sealed transistor is specifically designed for S-band radar
applications. It utilizes gold metallization and emitter ballasting to provide high
reliability and supreme ruggedness.
CASE OUTLINE
55KCR-1
Common Base
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @ 25
°C1
70 W
Maximum Voltage and Current
Collector to Base Voltage (BVces)
65 V
Emitter to Base Voltage (BVebo)
3.0 V
Peak Collector Current (Ic)
1.85 A
Maximum Temperatures
Storage Temperature
-65 to +200
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°°°°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Power Output
F=2700-3100 MHz
20
W
Pg
Power Gain
Pulse Width = 100s
8.2
dB
η
c
Collector Efficiency
Duty Factor = 10 %
45
%
Rl
Return Loss
Power Input = 3W
-7
dB
VSWR-S
Load Mismatch Stability
Vcc = +36V
1.5:1
VSWR-T
Load Mismatch Tolerance
F = 2700, 2900, 3100 MHz
3:1
FUNCTIONAL CHARACTERISTICS @ 25
°°°°C
Ices
Collector to Emitter Leakage
Vce=40V
1.5
mA
BVces
Collector to Emitter Breakdown
Ic = 10 mA
65
V
θjc1
Thermal Resistance
2.5
°C/W


Similar Part No. - 2731-20

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2731-200P MICROSEMI-2731-200P Datasheet
365Kb / 2P
   200 Watts - 200關s, 10%, 36V S-Band Pulsed Radar 2700 - 3100 MHz
More results

Similar Description - 2731-20

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
2729-125 ADPOW-2729-125 Datasheet
293Kb / 4P
   125 Watts, 36 Volts, 100us, 10% Radar 2700-2900 MHz
logo
Microsemi Corporation
2731-100M MICROSEMI-2731-100M Datasheet
298Kb / 5P
   100 Watts, 36 Volts, 200us, 10% Radar 2700-3100 MHz
3134-100M MICROSEMI-3134-100M Datasheet
85Kb / 4P
   100 Watts, 36 Volts, 100關s, 10% Radar 3100-3400 MHz
3134-100 MICROSEMI-3134-100 Datasheet
303Kb / 5P
   100 Watts, 36 Volts, 100關s, 10% Radar 3100-3400 MHz
3134-65M MICROSEMI-3134-65M Datasheet
71Kb / 4P
   65Watts, 34 Volts, 200us, 10% Radar 3100-3400 MHz
logo
Advanced Power Technolo...
1214-300 ADPOW-1214-300 Datasheet
621Kb / 3P
   300 Watts - 50 Volts, 100us, 10% Radar 1200 1400 MHz
logo
Microsemi Corporation
2731-200P MICROSEMI-2731-200P Datasheet
365Kb / 2P
   200 Watts - 200關s, 10%, 36V S-Band Pulsed Radar 2700 - 3100 MHz
logo
Advanced Power Technolo...
2931-150 ADPOW-2931-150 Datasheet
95Kb / 4P
   150 Watts, 38 Volts, 50us, 4% Radar 2900-3100 MHz
logo
Microsemi Corporation
2729-170 MICROSEMI-2729-170 Datasheet
111Kb / 4P
   170 Watts, 38 Volts, 100關s, 10% Radar 2700-2900 MHz
logo
Advanced Power Technolo...
1517-20M ADPOW-1517-20M Datasheet
89Kb / 4P
   20 Watts, 36 Volts, 200us, 10% Radar 1480 to 1650 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com