Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVG3330-P1-TRS-XN Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LVG3330-P1-TRS-XN
Description  TAPE AND REEL TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LVG3330-P1-TRS-XN Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LVG3330-P1-TRS-XN Datasheet HTML 1Page - LIGITEK electronics co., ltd. LVG3330-P1-TRS-XN Datasheet HTML 2Page - LIGITEK electronics co., ltd. LVG3330-P1-TRS-XN Datasheet HTML 3Page - LIGITEK electronics co., ltd. LVG3330-P1-TRS-XN Datasheet HTML 4Page - LIGITEK electronics co., ltd. LVG3330-P1-TRS-XN Datasheet HTML 5Page - LIGITEK electronics co., ltd. LVG3330-P1-TRS-XN Datasheet HTML 6Page - LIGITEK electronics co., ltd. LVG3330-P1-TRS-XN Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
T
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
25.0MIN
12.8
±0.5
+
-
1.0MIN
0.5
TYP
2.54TYP
5.9
5.0
7.6
8.6
1.5MAX
D
H1
P2
W2
P1
P
W3
W1
F + -
ΔH
H2
W0
L
PART NO. LVG3330/P1/TRS-XN
Package Dimensions
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 1/6
LVG3330/P1


Similar Part No. - LVG3330-P1-TRS-XN

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVG3330-H0 LIGITEK-LVG3330-H0 Datasheet
70Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG3330-T LIGITEK-LVG3330-T Datasheet
92Kb / 5P
   LOW CURRENT ROUND TYPE LED LAMPS
LVG3330-T-PF-TBS-X LIGITEK-LVG3330-T-PF-TBS-X Datasheet
122Kb / 7P
   TAPE AND BOX TYPE LED LAMPS Pb
More results

Similar Description - LVG3330-P1-TRS-XN

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVG2041-TRS-X LIGITEK-LVG2041-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LHR2041-TRS-X LIGITEK-LHR2041-TRS-X Datasheet
90Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LHR2043-TRS-X LIGITEK-LHR2043-TRS-X Datasheet
89Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LH2040-TRS-X LIGITEK-LH2040-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LI2040-S91-PF-TRS-X LIGITEK-LI2040-S91-PF-TRS-X Datasheet
126Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSE2041-TRF-X LIGITEK-LSE2041-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSRF42941-PF-TRF-X LIGITEK-LSRF42941-PF-TRF-X Datasheet
138Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LVY2041-TRS-X LIGITEK-LVY2041-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LEG42292-L11-PF-TRS-X LIGITEK-LEG42292-L11-PF-TRS-X Datasheet
142Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LG2040-TRF-X LIGITEK-LG2040-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LG2041-TRF-5 LIGITEK-LG2041-TRF-5 Datasheet
127Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com