Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBS4992 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MBS4992
Description  Silicon Bidirectional Switches(Diode Thyristors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBS4992 Datasheet(HTML) 3 Page - Motorola, Inc

  MBS4992 Datasheet HTML 1Page - Motorola, Inc MBS4992 Datasheet HTML 2Page - Motorola, Inc MBS4992 Datasheet HTML 3Page - Motorola, Inc MBS4992 Datasheet HTML 4Page - Motorola, Inc MBS4992 Datasheet HTML 5Page - Motorola, Inc MBS4992 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBS4991 MBS4992 MBS4993
3
Motorola Thyristor Device Data
15 V
0
D.U.T.
Cc
Vin
10 ms
MIN
10 K
RL
V0
FIGURE 7 – PEAK OUTPUT VOLTAGE TEST CIRCUIT
0.01
VF, FORWARD ON-STATE VOLTAGE (VOLTS)
TA, AMBIENT TEMPERATURE (°C)
VF = 5.0 V
Normalized
to
25
°C
TA, AMBIENT TEMPERATURE (°C)
0
FIGURE 6 – PEAK OUTPUT VOLTAGE (FUNCTION OF RL AND Cc)
FIGURE 4 – OFF-STATE BLOCKING CURRENT
versus TEMPERATURE
FIGURE 3 – HOLDING CURRENT versus TEMPERATURE
FIGURE 5 – ON-STATE VOLTAGE versus FORWARD CURRENT
7.0
TA = 25°C
0
1.0
2.0
3.0
4.0
5.0
6.0
0.01 0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
RL = 500 Ω
10
Cc, CHARGING CAPACITANCE (µF)
10
1.0
0.1
0
1.0
2.0
3.0
4.0
5.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
–75
–50
–25
0
+25
+50
+75
+100 +125
10.0
1.0
0.1
0.01
–50
–25
0
+25
+50
+75 +100 +125
RL = 100 Ω
RL = 50 Ω
RL = 20 Ω
RL = 5 Ω


Similar Part No. - MBS4992

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MBS4992 NJSEMI-MBS4992 Datasheet
80Kb / 2P
   Silicon Bidirectional Switches
More results

Similar Description - MBS4992

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com