Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBD711SBK-XX-PF Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LBD711SBK-XX-PF
Description  LIGHT BAR LED DISPLAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LBD711SBK-XX-PF Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

  LBD711SBK-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LBD711SBK-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LBD711SBK-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LBD711SBK-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LBD711SBK-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LBD711SBK-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LBD711SBK-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LBD711SBK-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Reliability Test:
Low Temperature
Storage Test
High Temperature
Storage Test
Operating Life Test
Test Item
PART NO.
Solderability Test
Solder Resistance
Test
High Temperature
High Humidity Test
Thermal Shock Test
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
This test intended to see soldering well
performed or not.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-883:1008
JIS C 7021: B-10
Reference
Standard
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hous.
The purpose of this is the resistance of
the device which is laid under ondition
of high temperature for hours.
This test is conducted for the purpose
of detemining the resisance of a part
in electrical and themal stressed.
LBD711SBK-XX-PF
Test Condition
Description
Page 7/7


Similar Part No. - LBD711SBK-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD711SBK-XX LIGITEK-LBD711SBK-XX Datasheet
77Kb / 7P
   LIGHT BAR LED DISPLAY
More results

Similar Description - LBD711SBK-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD511SGL-XX-PF LIGITEK-LBD511SGL-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD511SGM-XX-PF LIGITEK-LBD511SGM-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD2414-XX-PF LIGITEK-LBD2414-XX-PF Datasheet
151Kb / 8P
   LIGHT BAR LED DISPLAY
LBD5113-XX-PF LIGITEK-LBD5113-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD7515-XX-PF LIGITEK-LBD7515-XX-PF Datasheet
121Kb / 8P
   LIGHT BAR LED DISPLAY
LBD801-29-XX LIGITEK-LBD801-29-XX Datasheet
148Kb / 8P
   LIGHT BAR LED DISPLAY
LBD2014-XX LIGITEK-LBD2014-XX Datasheet
109Kb / 7P
   LIGHT BAR LED DISPLAY
LBD2413-XX-PF LIGITEK-LBD2413-XX-PF Datasheet
151Kb / 8P
   LIGHT BAR LED DISPLAY
LBD5115-XX-RP30-PF LIGITEK-LBD5115-XX-RP30-PF Datasheet
121Kb / 8P
   LIGHT BAR LED DISPLAY
LBD5117F-XX-PF LIGITEK-LBD5117F-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD201SBKS-XX-PF LIGITEK-LBD201SBKS-XX-PF Datasheet
123Kb / 8P
   LIGHT BAR LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com