Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBD711SBKS-XX Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LBD711SBKS-XX
Description  LIGHT BAR LED DISPLAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LBD711SBKS-XX Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LBD711SBKS-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LBD711SBKS-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LBD711SBKS-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LBD711SBKS-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LBD711SBKS-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LBD711SBKS-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LBD711SBKS-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Iv(mcd)
Part Selection And Application Information(Ratings at 25
)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LBD711SBKS-XX
PART NO
λD
(nm)
common
cathode
or anode
Emitted
Blue
InGaN/SiC
Material
CHIP
Common
Anode
Electrical
475
26
△λ
(nm)
4.2
3.5
18
Max.
Typ.
Vf(v)
Min.
PART NO.
Absolute Maximum Ratings at Ta=25
Forward Current Per Chip
Reverse Current Per Any Chip
Power Dissipation Per Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Solder Temperature 1-16 Inch Below Seating Plane For 3 Seconds At 260
Storage Temperature
Operating Temperature
Symbol
Parameter
Tstg
Topr
Ir
PD
IFP
IF
50
-25 ~ +85
-25 ~ +85
SBKS
30
100
120
LBD711SBKS-XX
Ratings
2:1
31
IV-M
Typ.
UNIT
μA
mW
mA
mA
Page 3/6
Electrostatic Discharge
ESD
500
V


Similar Part No. - LBD711SBKS-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD711SBK-XX LIGITEK-LBD711SBK-XX Datasheet
77Kb / 7P
   LIGHT BAR LED DISPLAY
LBD711SBK-XX-PF LIGITEK-LBD711SBK-XX-PF Datasheet
122Kb / 8P
   LIGHT BAR LED DISPLAY
More results

Similar Description - LBD711SBKS-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD511SGL-XX-PF LIGITEK-LBD511SGL-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD511SGM-XX-PF LIGITEK-LBD511SGM-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD2414-XX-PF LIGITEK-LBD2414-XX-PF Datasheet
151Kb / 8P
   LIGHT BAR LED DISPLAY
LBD5113-XX-PF LIGITEK-LBD5113-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD7515-XX-PF LIGITEK-LBD7515-XX-PF Datasheet
121Kb / 8P
   LIGHT BAR LED DISPLAY
LBD801-29-XX LIGITEK-LBD801-29-XX Datasheet
148Kb / 8P
   LIGHT BAR LED DISPLAY
LBD2014-XX LIGITEK-LBD2014-XX Datasheet
109Kb / 7P
   LIGHT BAR LED DISPLAY
LBD2413-XX-PF LIGITEK-LBD2413-XX-PF Datasheet
151Kb / 8P
   LIGHT BAR LED DISPLAY
LBD5115-XX-RP30-PF LIGITEK-LBD5115-XX-RP30-PF Datasheet
121Kb / 8P
   LIGHT BAR LED DISPLAY
LBD5117F-XX-PF LIGITEK-LBD5117F-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD201SBKS-XX-PF LIGITEK-LBD201SBKS-XX-PF Datasheet
123Kb / 8P
   LIGHT BAR LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com