Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBD141-2A-XX-S2 Datasheet(PDF) 10 Page - LIGITEK electronics co., ltd.

Part # LBD141-2A-XX-S2
Description  BAR DIGIT LED DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LBD141-2A-XX-S2 Datasheet(HTML) 10 Page - LIGITEK electronics co., ltd.

Back Button LBD141-2A-XX-S2 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LBD141-2A-XX-S2 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LBD141-2A-XX-S2 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LBD141-2A-XX-S2 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LBD141-2A-XX-S2 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LBD141-2A-XX-S2 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LBD141-2A-XX-S2 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LBD141-2A-XX-S2 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LBD141-2A-XX-S2 Datasheet HTML 11Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
Page 9/10
60 Seconds Max
0
Preheat
25°
2
°/sec
max
100
50
150
Time(sec)
Temp(
°C)
120°
260°
5
°/sec
max
260
°C3sec Max
Dip Soldering
Preheat: 120
° C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
2.Wave Soldering Profile
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO.LBD141/2A-XX/S2


Similar Part No. - LBD141-2A-XX-S2

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD141-2A-XX-S1 LIGITEK-LBD141-2A-XX-S1 Datasheet
116Kb / 10P
   BAR DIGIT LED DISPLAY
More results

Similar Description - LBD141-2A-XX-S2

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD101-22Y8G-XX-P4 LIGITEK-LBD101-22Y8G-XX-P4 Datasheet
102Kb / 9P
   BAR DIGIT LED DISPLAY
LBD101-24-XX-P3-PF LIGITEK-LBD101-24-XX-P3-PF Datasheet
156Kb / 9P
   BAR DIGIT LED DISPLAY
LBD101-26F-XX-PF LIGITEK-LBD101-26F-XX-PF Datasheet
131Kb / 9P
   BAR DIGIT LED DISPLAY
LBD142A-XX-RP25 LIGITEK-LBD142A-XX-RP25 Datasheet
145Kb / 10P
   BAR DIGIT LED DISPLAY
LBD336C-XXB LIGITEK-LBD336C-XXB Datasheet
190Kb / 10P
   BAR DIGIT LED DISPLAY
LBD356B-XX LIGITEK-LBD356B-XX Datasheet
181Kb / 11P
   BAR DIGIT LED DISPLAY
LBD1G1-2-HG3Y-XX-PF LIGITEK-LBD1G1-2-HG3Y-XX-PF Datasheet
156Kb / 11P
   BAR DIGIT LED DISPLAY
LBD101-22-XX LIGITEK-LBD101-22-XX Datasheet
376Kb / 8P
   BAR DIGIT LED DISPLAY
LBD141-22-XX-S1-PF LIGITEK-LBD141-22-XX-S1-PF Datasheet
135Kb / 9P
   BAR DIGIT LED DISPLAY
LBD1B2A-XX LIGITEK-LBD1B2A-XX Datasheet
164Kb / 11P
   BAR DIGIT LED DISPLAY
LBD1F1-25-XX LIGITEK-LBD1F1-25-XX Datasheet
121Kb / 8P
   BAR DIGIT LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com