Electronic Components Datasheet Search |
|
ADuM7441CRQZ-RL7 Datasheet(PDF) 3 Page - Analog Devices |
|
ADuM7441CRQZ-RL7 Datasheet(HTML) 3 Page - Analog Devices |
3 / 20 page ADuM7440/ADuM7441/ADuM7442 Rev. 0 | Page 3 of 20 SPECIFICATIONS ELECTRICAL CHARACTERISTICS—5 V OPERATION All typical specifications are at TA = 25°C, VDD1 = VDD2 = 5 V. Minimum/maximum specifications apply over the entire recommended operation range of 4.5 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V, and −40°C ≤ TA ≤ +105°C, unless otherwise noted. Switching specifications are tested with CL = 15 pF, and CMOS signal levels, unless otherwise noted. Table 1. Parameter Symbol A Grade C Grade Unit Test Conditions Min Typ Max Min Typ Max SWITCHING SPECIFICATIONS Data Rate 1 25 Mbps Within PWD limit Propagation Delay tPHL, tPLH 50 75 27 40 50 ns 50% input to 50% output Pulse Width Distortion PWD 10 25 2 5 ns |tPLH − tPHL| Change vs. Temperature 5 3 ps/°C Pulse Width PW 250 40 ns Within PWD limit Propagation Delay Skew tPSK 40 25 ns Between any two units Channel Matching Codirectional tPSKCD 40 2 4 ns Opposing-Direction tPSKOD 40 3 6 ns Jitter 2 2 ns 7 Codirectional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier. Opposing-directional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of the isolation barrier. Table 2. Parameter Symbol 1 Mbps—A, C Grades 25 Mbps—C Grade Unit Test Conditions Min Typ Max Min Typ Max SUPPLY CURRENT ADuM7440 IDD1 4.3 5.4 28 35 mA IDD2 2.5 3.6 6.0 11 mA ADuM7441 IDD1 4.1 4.9 18 26 mA IDD2 3.6 4.7 8.5 14 mA ADuM7442 IDD1 3.2 4.0 15 20 mA IDD2 3.2 4.0 12 17 mA Table 3. For All Models Parameter Symbol Min Typ Max Unit Test Conditions DC SPECIFICATIONS Logic High Input Threshold VIH 0.7 VDDx V Logic Low Input Threshold VIL 0.3 VDDx V Logic High Output Voltages VOH VDDx − 0.1 VDDx − 0.4 5.0 4.8 V V IOx = −20 μA, VIx = VIxH IOx = −4 mA, VIx = VIxH Logic Low Output Voltages VOL 0.0 0.2 0.1 0.4 V V IOx = 20 μA, VIx = VIxL IOx = 4 mA, VIx = VIxL Input Current per Channel II −10 +0.01 +10 μA 0 V ≤ VI x ≤ VDDx Supply Current per Channel Quiescent Input Supply Current IDDI(Q) 0.76 0.95 mA Quiescent Output Supply Current IDDO(Q) 0.57 0.73 mA Dynamic Input Supply Current IDDI(D) 0.26 mA/Mbps Dynamic Output Supply Current IDDO(D) 0.05 mA/Mbps AC SPECIFICATIONS Output Rise/Fall Time tR/tF 2.0 ns 10% to 90% Common-Mode Transient Immunity1 |CM| 15 25 kV/μs VIx = VDDx, VCM = 1000 V, transient magnitude = 800 V Refresh Rate fr 1.2 Mbps 1 |CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. |
Similar Part No. - ADuM7441CRQZ-RL7 |
|
Similar Description - ADuM7441CRQZ-RL7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |