Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP5022ACBZ-2-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5022ACBZ-2-R7
Description  Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5022ACBZ-2-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5022ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADP5022
Rev. A | Page 10 of 28
100
90
80
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
IOUT (A)
VIN = 5.5V
VIN = 4.5V
VIN = 3.6V
VIN = 2.4V
Figure 16. Buck2 Efficiency vs. Load Current, Across Input Voltage,
VOUT2 = 1.8 V, PWM Mode
100
90
80
70
60
50
40
30
20
10
0
0.0001
0.001
0.01
0.1
1
IOUT (A)
VIN = 2.4V
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
Figure 17. Buck1 Efficiency vs. Load Current, Across Input Voltage,
VOUT1 = 0.8 V, Auto Mode
100
90
80
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
IOUT (A)
VIN = 2.4V
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
Figure 18. Buck1 Efficiency vs. Load Current, Across Input Voltage,
VOUT1 = 0.8 V, PWM Mode
100
90
80
70
60
50
40
30
20
10
0
0.0001
0.001
0.01
0.1
1
IOUT (A)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 19. Buck1 Efficiency vs. Load Current, Across Temperature,
VOUT1 = 3.3 V, Auto Mode
100
90
80
70
60
50
40
30
20
10
0
0.0001
0.001
0.01
0.1
1
IOUT (A)
TA = +25°C
TA = –40°C
TA = +85°C
Figure 20. Buck2 Efficiency vs. Load Current, Across Temperature,
VOUT2 = 1.8 V, Auto Mode
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
2.5
0
0.1
0.2
0.3
0.4
0.6
0.5
OUTPUT CURRENT (A)
TA = +25°C
TA = –40°C
TA = +85°C
Figure 21. Buck2 Switching Frequency vs. Output Current, Across
Temperature, VOUT2 = 1.8 V, PWM Mode


Similar Part No. - ADP5022ACBZ-2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5020 AD-ADP5020 Datasheet
1Mb / 28P
   Power Management Unit for Imaging Modules
REV. 0
ADP5020ACPZ-R7 AD-ADP5020ACPZ-R7 Datasheet
1Mb / 28P
   Power Management Unit for Imaging Modules
REV. 0
ADP5020CP-EVALZ AD-ADP5020CP-EVALZ Datasheet
1Mb / 28P
   Power Management Unit for Imaging Modules
REV. 0
logo
Cirrus Logic
ADP5020CP-EVALZ APEX-ADP5020CP-EVALZ Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
logo
Analog Devices
ADP5023 AD-ADP5023 Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
More results

Similar Description - ADP5022ACBZ-2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
FAN5361 ONSEMI-FAN5361 Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
logo
Microchip Technology
MCP1804 MICROCHIP-MCP1804_13 Datasheet
2Mb / 36P
   150 mA, 28V LDO Regulator With Shutdown
08/20/13
MCP1804 MICROCHIP-MCP1804 Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
MCP1804T-5002I MICROCHIP-MCP1804T-5002I Datasheet
545Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com