Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUY13432H-S16-PF-B01 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LUY13432H-S16-PF-B01
Description  SUPER BRIGHT OVAL TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUY13432H-S16-PF-B01 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LUY13432H-S16-PF-B01 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUY13432H-S16-PF-B01 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUY13432H-S16-PF-B01 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUY13432H-S16-PF-B01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUY13432H-S16-PF-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUY13432H-S16-PF-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 1/5
5.0
Package Dimensions
PART NO. LUY13432H/S16-PF
1.5MAX
0.5
TYP
+
-
2.54TYP
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
4.31
7.4
1.0MIN
25.0MIN
Directivity Radiation
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
Radiation Angle(0.5):H 44 Degree/V 32 Degree
50%
75%
0
25%
0
°
-30
°
Horizontal Axis 44
°
75%
50%
25%
100%
60
°
30
°
Vertical Axis 32
°


Similar Part No. - LUY13432H-S16-PF-B01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUY13430H LIGITEK-LUY13430H Datasheet
118Kb / 6P
   OVAL TYPE LED LAMPS
LUY13430R-S15-PF LIGITEK-LUY13430R-S15-PF Datasheet
112Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUY13433-LTS-PF LIGITEK-LUY13433-LTS-PF Datasheet
134Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
More results

Similar Description - LUY13432H-S16-PF-B01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L9SEF32841-PF LIGITEK-L9SEF32841-PF Datasheet
126Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
L9SEF43740-PF LIGITEK-L9SEF43740-PF Datasheet
107Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
L12URF13433S LIGITEK-L12URF13433S Datasheet
112Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LHY32841-PF LIGITEK-LHY32841-PF Datasheet
124Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LHRF22840-PF LIGITEK-LHRF22840-PF Datasheet
112Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUY32843-PF LIGITEK-LUY32843-PF Datasheet
111Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LHRF13430S-S14-PF LIGITEK-LHRF13430S-S14-PF Datasheet
113Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUE33631PIC LIGITEK-LUE33631PIC Datasheet
101Kb / 5P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUG22841 LIGITEK-LUG22841 Datasheet
72Kb / 5P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUR13430H-S12-PF LIGITEK-LUR13430H-S12-PF Datasheet
108Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LHRF23533 LIGITEK-LHRF23533 Datasheet
81Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com