Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUY9653H-30B Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LUY9653H-30B
Description  SQUARE WITH 4LEADS TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUY9653H-30B Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LUY9653H-30B Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUY9653H-30B Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUY9653H-30B Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUY9653H-30B Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUY9653H-30B Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUY9653H-30B Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
60 Seconds Max
260
°C3sec Max
5
°/sec
max
260°
120°
Temp(
°C)
Time(sec)
150
50
100
2
°/sec
max
25°
Preheat
0
Page 4/5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One Time)
Distance:2mm Min(From solder joint to body)
2.Wave Soldering Profile
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to body)
PART NO. LUY9653H-30B


Similar Part No. - LUY9653H-30B

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUY9653H-30C LIGITEK-LUY9653H-30C Datasheet
113Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUY9653H-30D-L30 LIGITEK-LUY9653H-30D-L30 Datasheet
113Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
More results

Similar Description - LUY9653H-30B

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L12UY9653R-30B-AM LIGITEK-L12UY9653R-30B-AM Datasheet
111Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LURF9653-30B LIGITEK-LURF9653-30B Datasheet
126Kb / 7P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LURF9653S-30B LIGITEK-LURF9653S-30B Datasheet
111Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LDBK9653-00 LIGITEK-LDBK9653-00 Datasheet
126Kb / 7P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUY9653H-50A LIGITEK-LUY9653H-50A Datasheet
113Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LDGM9653Z-30B LIGITEK-LDGM9653Z-30B Datasheet
112Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
L20URF9653S-50D-AM LIGITEK-L20URF9653S-50D-AM Datasheet
113Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUES9653-30C LIGITEK-LUES9653-30C Datasheet
107Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUR9653H-00 LIGITEK-LUR9653H-00 Datasheet
143Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUR9653H-30B-WJ LIGITEK-LUR9653H-30B-WJ Datasheet
92Kb / 7P
   SQUARE WITH 4LEADS TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com