Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7995YRJZ-1500RL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7995YRJZ-1500RL7
Description  4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7995YRJZ-1500RL7 Datasheet(HTML) 3 Page - Analog Devices

  AD7995YRJZ-1500RL7 Datasheet HTML 1Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 2Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 3Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 4Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 5Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 6Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 7Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 8Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7991/AD7995/AD7999
Rev. A | Page 3 of 28
SPECIFICATIONS
AD79911
The temperature range of the Y version is −40°C to +125°C. Unless otherwise noted, VDD = 2.7 V to 5.5 V, VREF = 2.5 V, fSCL = 3.4 MHz,
and TA = TMIN to TMAX.
Table 2.
Y Version
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE2, 3
See the Sample Delay and Bit Trial Delay
section, fIN = 10 kHz sine wave for fSCL
from 1.7 MHz to 3.4 MHz
fIN = 1 kHz sine wave for fSCL up to 400 kHz
Signal-to-Noise and Distortion (SINAD)4
69.5
70
dB
Signal-to-Noise Ratio (SNR)4
70
71
dB
Total Harmonic Distortion (THD)4
−75.5
dB
Peak Harmonic or Spurious Noise (SFDR)4
−77.5
dB
Intermodulation Distortion (IMD)4
fa = 11 kHz, fb = 9 kHz for fSCL from
1.7 MHz to 3.4 MHz
fa = 5.4 kHz, fb = 4.6 kHz for fSCL up
to 400 kHz
Second-Order Terms
−92
dB
Third-Order Terms
−88
dB
Channel-to-Channel Isolation4
−90
dB
fIN = 10 kHz
Full-Power Bandwidth4
14
MHz
@ 3 dB
1.5
MHz
@ 0.1 dB
DC ACCURACY2, 5
Resolution
12
Bits
Integral Nonlinearity4
±1
LSB
±0.5
LSB
Differential Nonlinearity4
±0.9
LSB
Guaranteed no missed codes to 12 bits
±0.5
LSB
Offset Error4
±1
±5
LSB
Offset Error Matching
±0.5
LSB
Offset Temperature Drift
4.43
ppm/°C
Gain Error4
±2
LSB
Gain Error Matching
±0.7
LSB
Gain Temperature Drift
0.69
ppm/°C
ANALOG INPUT
Input Voltage Range
0
VREF
V
VREF = VIN3/VREF or VDD
DC Leakage Current
±1
μA
Input Capacitance
34
pF
Channel 0 to Channel 2—during
acquisition phase
4
pF
Channel 0 to Channel 2—outside
acquisition phase
35
pF
Channel 3—during acquisition phase
5
pF
Channel 3—outside acquisition phase
REFERENCE INPUT
VREF Input Voltage Range
1.2
VDD
V
DC Leakage Current
±1
μA
VREF Input Capacitance
5
pF
Outside conversion phase
35
pF
During conversion phase
Input Impedance
69


Similar Part No. - AD7995YRJZ-1500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7995YRJZ-1500RL7 AD-AD7995YRJZ-1500RL7 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
More results

Similar Description - AD7995YRJZ-1500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7991 AD-AD7991_07 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
AD7995 AD-AD7995_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7999 AD-AD7999_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991 Datasheet
264Kb / 25P
   4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Rev. PrB
AD7992 AD-AD7992 Datasheet
266Kb / 21P
   2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
REV. PrH 09/03
AD7992 AD-AD7992_17 Datasheet
696Kb / 29P
   2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
EVAL-AD7997 AD-EVAL-AD7997_15 Datasheet
605Kb / 12P
   Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
EVAL-AD7998 AD-EVAL-AD7998_15 Datasheet
605Kb / 12P
   Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com