Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZP81LG Datasheet(PDF) 4 Page - Arizona Microtek, Inc

Part # AZP81LG
Description  PECL/ECL Filter-Based Multiplier & Limiting Amp with Selectable Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP81LG Datasheet(HTML) 4 Page - Arizona Microtek, Inc

  AZP81LG Datasheet HTML 1Page - Arizona Microtek, Inc AZP81LG Datasheet HTML 2Page - Arizona Microtek, Inc AZP81LG Datasheet HTML 3Page - Arizona Microtek, Inc AZP81LG Datasheet HTML 4Page - Arizona Microtek, Inc AZP81LG Datasheet HTML 5Page - Arizona Microtek, Inc AZP81LG Datasheet HTML 6Page - Arizona Microtek, Inc AZP81LG Datasheet HTML 7Page - Arizona Microtek, Inc AZP81LG Datasheet HTML 8Page - Arizona Microtek, Inc AZP81LG Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AZP81
June 2009 Rev - 4
www.azmicrotek.com
4
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Min
Max
Unit
VOH
Output HIGH Voltage
Q
¯ , FLTRDR/FLTRDR
¯¯¯¯¯¯
3955
4105
3995
4145
4020
4170
4090
4240
mV
VOL
Output LOW Voltage
Q
¯ , FLTRDR/FLTRDR
¯¯¯¯¯¯
2990
3290
3015
3315
3035
3335
3090
3390
mV
VOH
Output HIGH Voltage1
QHG/Q
¯HG
3915
4120
3975
4120
3975
4120
3975
4120
mV
VOL
Output LOW Voltage1
QHG/Q
¯HG
1470
1745
1490
1680
1490
1680
1490
1680
mV
VIH
Input HIGH Voltage
D/D
¯
EN
3835
3835
4610
VCC
3835
3835
4610
VCC
3835
3835
4610
VCC
3835
3835
4610
VCC
mV
VIL
Input LOW Voltage
D/D
¯
EN
2750
VEE
3525
3525
2750
VEE
3525
3525
2750
VEE
3525
3525
2750
VEE
3525
3525
mV
VBB
Reference Voltage
3610
3750
3610
3750
3610
3750
3610
3750
mV
IIL
Input LOW Current
EN (ECL)
EN (CMOS)
-150
-300
-150
-300
-150
-300
-150
-300
μA
IIH
Input HIGH Current EN
150
150
150
150
μA
IEE
Power Supply Current1
63
63
63
68
mA
1. For supply voltages other than 5.0V, use the ECL table values and ADD supply voltage value.
2. Specified with each output terminated through a 50Ω resistor to VCC – 2V.
AC Characteristics (VEE = -3.0V to -5.5V; VCC = GND or VCC = 3.0V to 5.5V, VEE = GND)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH / tPHL
Propagation Delay
D/D
¯ to Q
¯
D/D
¯ to FLTRDR/FLTRDR
¯¯¯¯¯¯¯ 2
AMPIN to QHG/Q
¯HG1 (SE)
90
130
200
200
260
380
90
130
200
200
260
380
90
130
200
200
260
380
90
130
200
200
260
380
ps
tSKEW
Duty Cycle Skew3
(SE)
5
20
5
20
5
20
5
20
ps
VPP (AC)
Input Swing (SE)4
D/D
¯
AMPIN
300
150
2000
2000
300
150
2000
2000
300
150
2000
2000
300
150
2000
2000
mV
tr / tf
Output Rise/Fall Times (20%
- 80%)
80
240
80
240
80
240
80
240
ps
xMAX
Maximum Recommended
Multiply Ratio
Even Harmonics
Odd Harmonics
8
7
8
7
8
7
8
7
1.
Specified with QHG/Q
¯ HG terminated through a 50Ω resistor to VCC – 2V.
2.
Specified with FLTRDR terminated into an AC coupled 50Ω load, FLTRDR
¯¯¯¯¯¯¯ into an AC coupled 50Ω load along an external 8mA pull-down current.
3.
Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
4.
Single ended input swing for which AC parameters guaranteed.
SINGLE ENDED AC PP INPUT


Similar Part No. - AZP81LG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP51 AZM-AZP51 Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP51 AZM-AZP51 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51SG AZM-AZP51SG Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP51SG AZM-AZP51SG Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
More results

Similar Description - AZP81LG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZP92 ETC1-AZP92 Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92 Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_09 Datasheet
171Kb / 9P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_12 Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92_1308 AZM-AZP92_1308 Datasheet
467Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com