Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ4032 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # MJ4032
Description  MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

MJ4032 Datasheet(HTML) 2 Page - Comset Semiconductor

  MJ4032 Datasheet HTML 1Page - Comset Semiconductor MJ4032 Datasheet HTML 2Page - Comset Semiconductor MJ4032 Datasheet HTML 3Page - Comset Semiconductor MJ4032 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
MJ4030
MJ4033
MJ4031
MJ4034
IC
Collector Current
MJ4032
MJ4035
16
A
MJ4030
MJ4033
MJ4031
MJ4034
IB
Base Current
MJ4032
MJ4035
0.5
A
MJ4030
MJ4033
MJ4031
MJ4034
PT
Power Dissipation
@ TC < 25°
MJ4032
MJ4035
150
Watts
MJ4030
MJ4033
MJ4031
MJ4034
TJ Ts
Junction
Storage Temperature
MJ4032
MJ4035
200
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
MJ4030
MJ4033
MJ4031
MJ4034
RthJ-C
Thermal Resistance, Junction to Case
MJ4032
MJ4035
1.17
°C/W


Similar Part No. - MJ4032

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ4032 MOSPEC-MJ4032 Datasheet
125Kb / 3P
   POWER TRANSISTORS(16A,60-100V,150W)
logo
STMicroelectronics
MJ4032 STMICROELECTRONICS-MJ4032 Datasheet
69Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Central Semiconductor C...
MJ4032 CENTRAL-MJ4032 Datasheet
54Kb / 1P
   Power Transistors
logo
STMicroelectronics
MJ4032 STMICROELECTRONICS-MJ4032 Datasheet
51Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Seme LAB
MJ4032 SEME-LAB-MJ4032 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
More results

Similar Description - MJ4032

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6315 BOCA-2N6315 Datasheet
172Kb / 4P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
logo
Comset Semiconductor
MJ4030 COMSET-MJ4030_12 Datasheet
79Kb / 3P
   MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4231A NJSEMI-2N4231A Datasheet
95Kb / 2P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N4231A BOCA-2N4231A Datasheet
196Kb / 4P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
logo
Comset Semiconductor
MJ4033 COMSET-MJ4033_12 Datasheet
79Kb / 3P
   MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ3000 NJSEMI-MJ3000 Datasheet
88Kb / 2P
   Medium-Power Complementary Silicon Transistors
2N6312 NJSEMI-2N6312 Datasheet
95Kb / 2P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
MJ4030 NJSEMI-MJ4030 Datasheet
88Kb / 2P
   MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
Motorola, Inc
MJ1000 MOTOROLA-MJ1000 Datasheet
139Kb / 4P
   Medium-Power Complementary Silicon Transistors
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com