Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LCX138FN Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC74LCX138FN
Description  LOW VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX138FN Datasheet(HTML) 8 Page - Toshiba Semiconductor

  TC74LCX138FN Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX138FN Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX138FN Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX138FN Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX138FN Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX138FN Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX138FN Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX138FN Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX138FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image


Similar Part No. - TC74LCX138FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX138FN TOSHIBA-TC74LCX138FN Datasheet
285Kb / 11P
   Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX138FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ138FK TOSHIBA-TC7MZ138FK Datasheet
237Kb / 7P
   LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX138FT TOSHIBA-TC74VCX138FT Datasheet
373Kb / 8P
   LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX238 STMICROELECTRONICS-74LVX238_04 Datasheet
323Kb / 12P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
74LVX238 STMICROELECTRONICS-74LVX238 Datasheet
236Kb / 9P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
July 2001
logo
Toshiba Semiconductor
TC74LCX138F TOSHIBA-TC74LCX138F_12 Datasheet
233Kb / 11P
   Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
TC74VCX138FT TOSHIBA-TC74VCX138FT_07 Datasheet
260Kb / 11P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK_07 Datasheet
224Kb / 10P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MZ138FK TOSHIBA-TC7MZ138FK_07 Datasheet
192Kb / 8P
   Low Voltage 3-to-8 Line Decoder with 5 V Tolerant Inputs and Outputs
TC74LCX138F TOSHIBA-TC74LCX138F_07 Datasheet
285Kb / 11P
   Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
147Kb / 9P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com