Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LURFDGL9553-TR1 Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LURFDGL9553-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LURFDGL9553-TR1 Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

  LURFDGL9553-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LURFDGL9553-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LURFDGL9553-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LURFDGL9553-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LURFDGL9553-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LURFDGL9553-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LURFDGL9553-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LURFDGL9553-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LURFDGL9553-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 7/8
Circuit model B
LED
Circuit model A
LED
Precautions For Use:
Storage time:
1.The operation of Temperatures and RH are : 5
~35,RH<60%.
2.Once the package is opened, the products should be used within a week.
Otherwise, they should be kept in a damp proof box with descanting agent.
Considering the tape life, we suggest our customers to use our products within
a year(from production date).
3.If opened more than one week in an atmosphere 5
~ 35,RH<60%,
they should be treated at 60
℃±5 fo r 15hrs.
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
(A) Recommended circuit.
(B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
Drive Method:
LED is a current operated device, and therefore, requirer some kind of current limiting incorporated into
the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series
with the LED.
Consider worst case voltage variations than could occur across the current limiting resistor. The forwrd
current should not be allowed to change by more than 40 % of its desired value.
PART NO. LURFDGL9553/TR1


Similar Part No. - LURFDGL9553-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LURFDGL9553-R5-TR1 LIGITEK-LURFDGL9553-R5-TR1 Datasheet
162Kb / 9P
   SURFACE MOUNT LED TAPE AND REEL
More results

Similar Description - LURFDGL9553-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com