Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS51A Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BSS51A
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BSS51A Datasheet(HTML) 2 Page - Comset Semiconductor

  BSS51A Datasheet HTML 1Page - Comset Semiconductor BSS51A Datasheet HTML 2Page - Comset Semiconductor BSS51A Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BSS50A-51A-52A
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ Mx
Unit
IE= 0 ;VCB= 45V
BSS50A
IE= 0 ;VCB= 60V
BSS51A
ICBO
Collector Cutoff Current
IE= 0 ;VCB= 80V
BSS52A
-
-
50
nA
BSS50A
BSS51A
IEB0
Emitter Cutoff Current
IC= 0 ;VEB=4 V
BSS52A
-
-
700
µA
IC=500 mA , IB=0.5 mA
-
-
1.3
IC=500 mA , IB=0.5 mA, Tj=200°C
-
-
1.3
IC=1 A, IB=1 mA
-
-
1.6
IC=1 A, IB=1 mA , Tj=200°C
BSS51A
-
-
2.3
IC=1 A, IB=4 mA
-
-
1.6
VCE(SAT)
Collector-Emitter saturation
Voltage
IC=1 A, IB=4 mA , Tj=200°C
BSS50A
BSS52A
-
-
1.6
IC=500 mA , IB=0.5 mA
-
-
1.9
IC=1 A, IB=1 mA
BSS51A
-
-
2.2
VBE(SAT)
Base-Emitter saturation
Voltage
IC=1 A, IB=4 mA
BSS50A
BSS52A
-
-
2.2
V
BSS50A
BSS51A
IC=150 mA , VCE=10 V
BSS52A
800
-
-
BSS50A
BSS51A
hFE
DC Current Gain
IC=500 mA , VCE=10 V
BSS52A
2000
-
-
-
BSS50A
BSS51A
hfe
Small Signal Current Gain
IC=500 mA , VCE=5 V
f = 35 MHz
BSS52A
-
10
-
-
ton
-
0.4
-
toff
Switching times
ICon=500 mA
IB1=-IB2=0.5 mA
-
1.5
-
µs
ton
-
0.4
-
toff
Switching times
ICon=1 mA
IB1=-IB2=1 mA
-
1.5
-
µs


Similar Part No. - BSS51A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS51 PHILIPS-BSS51 Datasheet
52Kb / 8P
   NPN Darlington transistors
1997 Sep 03
logo
Central Semiconductor C...
BSS51 CENTRAL-BSS51 Datasheet
94Kb / 2P
   NPN SILICON DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
BSS51 NJSEMI-BSS51 Datasheet
228Kb / 4P
   NPN Darlington transistors
logo
Rohm
BSS5130 ROHM-BSS5130 Datasheet
1Mb / 10P
   General purpose amplification (-30V, -1A)
More results

Similar Description - BSS51A

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
First Components Intern...
BC557 FCI-BC557 Datasheet
367Kb / 1P
   Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com