Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LURF23533 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LURF23533
Description  SUPER BRIGHT OVAL TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LURF23533 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LURF23533 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LURF23533 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LURF23533 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LURF23533 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LURF23533 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LURF23533 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
W
L
H
ITE
M
NO
.
Q'
TY
:
PC
S
N,
W
,:
kg
s
G,
W
,:
kg
s
3. 12 INNER BOXES / CARTON
SIZE : L X W X H 58.5cm X 34cm X 34cm
L
C/NO:
MADE IN CHINA
W
H
2. 10 BAG / INNER BOX
SIZE : L X W X H 33.5cm X 19cm X 7.5cm
1.500 PCS / BAG
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LURF23533


Similar Part No. - LURF23533

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LURF2343-PF LIGITEK-LURF2343-PF Datasheet
147Kb / 7P
   ROUND TYPE LED LAMPS
More results

Similar Description - LURF23533

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L9SEF32841-PF LIGITEK-L9SEF32841-PF Datasheet
126Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
L9SEF43740-PF LIGITEK-L9SEF43740-PF Datasheet
107Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
L12URF13433S LIGITEK-L12URF13433S Datasheet
112Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LHY32841-PF LIGITEK-LHY32841-PF Datasheet
124Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LHRF22840-PF LIGITEK-LHRF22840-PF Datasheet
112Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUY32843-PF LIGITEK-LUY32843-PF Datasheet
111Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LHRF13430S-S14-PF LIGITEK-LHRF13430S-S14-PF Datasheet
113Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUE33631PIC LIGITEK-LUE33631PIC Datasheet
101Kb / 5P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUG22841 LIGITEK-LUG22841 Datasheet
72Kb / 5P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUR13430H-S12-PF LIGITEK-LUR13430H-S12-PF Datasheet
108Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LHRF23533 LIGITEK-LHRF23533 Datasheet
81Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com