Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT12X13-100 Datasheet(PDF) 4 Page - AZ Displays

Part # HT12X13-100
Description  Product Specification
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

HT12X13-100 Datasheet(HTML) 4 Page - AZ Displays

  HT12X13-100 Datasheet HTML 1Page - AZ Displays HT12X13-100 Datasheet HTML 2Page - AZ Displays HT12X13-100 Datasheet HTML 3Page - AZ Displays HT12X13-100 Datasheet HTML 4Page - AZ Displays HT12X13-100 Datasheet HTML 5Page - AZ Displays HT12X13-100 Datasheet HTML 6Page - AZ Displays HT12X13-100 Datasheet HTML 7Page - AZ Displays HT12X13-100 Datasheet HTML 8Page - AZ Displays HT12X13-100 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
PRODUCT GROUP
REV.
ISSUE DATE
TFT-LCD PRODUCT
E
2006.02.23
PAGE
SPEC. NUMBER
S864-1189
SPEC. TITLE
HT12X13-100 Product Specification
4
OF
23
B2005-C001-A (3/3)
A4 (210 X 297)
1.0 GENERAL DESCRIPTION
1.1 Introduction
HT12X13-100 is a color active matrix TFT LCD module using amorphous silicon TFT's (Thin
Film Transistors) as an active switching devices. This module has a 12.1 inch diagonally measured
active area with XGA resolutions (1024 horizontal by 768 vertical pixel array). Each pixel is
divided into RED, GREEN, BLUE dots which are arranged in vertical stripe and this module can
display 262,144 colors. The TFT-LCD panel used for this module is a low reflection and higher
color type.
1.2 Features
Thin and light weight
3.3 V power supply
Low driving voltage and low power consumption
1 Channel LVDS Interface
Single CCFL (Bottom side/Horizontal Direction)
262,144 colors
Data enable signal mode
Side Mounting Frame
RoHS product
12.1" XGA
T/CON
LVDS 1CH
(6bit)
Power
Block
VDD
(3.3V)
CN1
CN2
Source Driver IC
(COF)
Gate Driver IC
(COF)
Lamp Reflector
Lamp


Similar Part No. - HT12X13-100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT12X21 ETC-HT12X21 Datasheet
352Kb / 22P
   TFT-LCD PRODUCT
More results

Similar Description - HT12X13-100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com